Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-85L Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-85L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-85L Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-85L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
6
Preliminary
General Description
CellularRAM products are high-speed, CMOS pseudo-static random access memory developed for low-power, portable applications.
The 64Mb CellularRAM device has a DRAM core organized as 4 Meg x 16 bits. These devices include an industry-standard burst mode
Flash interface that dramatically increase read/write bandwidth compared with other low-power SRAM or Pseudo SRAM offering.
To operate seamlessly on a burst Flash bus, CellularRAM products incorporate a transparent self refresh mechanism. The hidden
refresh requires no additional support from the system memory controller and has no significant impact on device READ/WRITE per-
formance.
Two user-accessible control registers define device operation. The bus configuration register (BCR) defines how the CellularRAM device
interacts with the system memory bus and is nearly identical to its counterpart on burst mode Flash devices. The refresh configuration
register (RCR) is used to control how refresh is performed on the DRAM array. These registers are automatically loaded with default set-
tings during power-up and can be updated anytime during normal operation.
Special attention has been focused on standby current consumption during self refresh. 64M CellularRAM products include three
mechanisms to minimize standby current. Partial array refresh (PAR) enables the system to limit refresh to only that part of the DRAM
array that contains essential data. Temperature compensated refresh (TCR) uses an onchip sensor to adjust the refresh rate to match
the device temperature-the refresh rate decreases at lower temperatures to minimize current consumption during standby. Deep power-
down (DPD) enables the system to halt the refresh operation altogether when no vital information is stored in the device. The system
configurable refresh mechanisms are accessed through the RCR.
This 64M CellularRAM devices is compliant with the industry-standard CellularRAM 1.5 feature set established by the CellularRAM
Workgroup. It includes support for both variable and fixed latency, with three output-device drive-strength settings, additional wrap
options, and a device ID register (DIDR).
Figure 1 : Functional Block Diagram - 4 meg x 16
Note: Functional block diagrams illustrate simplified device operation. See pin descriptions(Table 1); Bus operations table(Table 2); and timing diagrams for detailed
information.
Control
Logic
CLK
CE#
WE#
OE#
ADV#
CRE
LB#
UB#
WAIT
Address Decode
Logic
Refresh Configuration
Register (RCR)
Device ID Register
(DIDR)
Bus Configuration
Register (BCR)
4,096K x 16
DRAM
MEMORY
ARRAY
Input
Output
MUX
and
Buffers
DQ[7:0]
DQ[15:8]
A[21:0]
External
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com