Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-85L Datasheet(PDF) 33 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-85L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-85L Datasheet(HTML) 33 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-85L Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 37Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
33
Preliminary
Table 15: Asynchronous WRITE Cycle Timing Requirements
Note:
1. The High-Z timings measure a 100mV transition from either VOH or VOL toward VccQ/2.
2. The Low-Z timings measure a 100mV transition away from the High-Z (VccQ/2) level toward either VOH or VOL.
3. WE# Low time must be limited to tCEM (4µs).
Parameter
Symbol
104/83 MHz
66MHz
Unit
Note
Min
Max
Min
Max
Address and ADV# LOW setup time
tAS
00
ns
Address HOLD from ADV# going HIGH
tAVH
22
ns
Address setup to ADV# going HIGH
tAVS
55
ns
Address valid to end of WRITE
tAW
70
85
ns
LB#/UB# select to end of WRITE
tBW
70
85
ns
CE# LOW to WAIT valid
tCEW
1
7.5
1
7.5
ns
CE# HIGH between subsequent async operations
tCPH
55
ns
CE# LOW to ADV# HIGH
tCVS
77
ns
Chip enable to end of WRITE
tCW
70
85
ns
Data HOLD from WRITE time
tDH
00
ns
Data WRITE setup time
tDW
20
20
ns
Chip disable to WAIT High-Z output
tHZ
88
ns
1
Chip enable to Low-Z output
tLZ
10
10
ns
2
End WRITE to Low-Z output
tOW
55
ns
2
ADV# pulse width
tVP
57
ns
ADV# setup to end of WRITE
tVS
70
85
ns
WRITE cycle time
tWC
70
85
ns
WRITE to DQ High-Z output
tWHZ
88
ns
1
WRITE pulse width
tWP
45
55
ns
3
WRITE pulse width HIGH
tWPH
10
10
ns
WRITE recovery time
tWR
00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com