Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCE Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TCE
Description  Chip Aluminum Electrolytic Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCE Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TCE Datasheet HTML 1Page - TAITRON Components Incorporated TCE Datasheet HTML 2Page - TAITRON Components Incorporated TCE Datasheet HTML 3Page - TAITRON Components Incorporated TCE Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/LL
TCE SERIES
CHIP ALUMINUM
ELECTROLYTIC CAPACITOR
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Chip Aluminum Electrolytic Capacitor
Features
• Chip E-capacitor
• Lifetime: 2000 hours at 85°C
• RoHS compliant
Dimensions (in mm)
Specification
Description
Value
Conditions
Capacitance Tolerance
±20%
at 120Hz, 20 ˚C
Rated Voltage Range (WV)
4~100 VDC
Working Voltage Range (WV)
4
6.3
10
16
25
35
50
63
100
Surge Voltage (V)
5
8
13
20
32
44
63
79
125
at 20˚C
7
4
3
2
2
2
2
2
2
Z(-25˚C)/ Z(+20˚C)
Low Temperature Stability
Impedance Ratio at 120Hz
15
8
6
4
4
3
3
3
3
Z(-40˚C)/ Z(+20˚C)
Max. Dissipation Factor
tan δ
Shown in the table of standard rating
at 20˚C, 120Hz
Operation Temperature Range
-40 ~+85˚C
Max. Leakage current at 20˚C
≤0.01 CV or 3 µA, whichever is greater
(C= Nominal Capacitance (µF), V= Rated Voltage (V))
After 2 minutes applied Rated
Voltage
Case Code
ψD
L
A
H (Max.)
I
W
P
K
B
4.0
5.4
4.3
5.5
1.8
0.65±0.1
1.0±0.2
0.35
+0.15
-0.20
C
5.0
5.4
5.3
6.5
2.2
0.65±0.1
1.5±0.2
0.35
+0.15
-0.20
D
6.3
5.4
6.6
7.8
2.6
0.65±0.1
1.8±0.2
0.35
+0.15
-0.20
E
8.0
6.2
8.3
9.5
3.4
0.65±0.1
2.2±0.2
0.35
+0.15
-0.20
F
8.0
10.2
8.3
10.0
3.4
0.90±0.2
3.1±0.2
0.70±0.2
G
10.0
10.2
10.3
12.0
3.5
0.90±0.2
4.6±0.2
0.70±0.2


Similar Part No. - TCE

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
TCE-20 MKS-TCE-20 Datasheet
254Kb / 2P
CALIBRATION, VOLTAGE MONITORING & TROUBLESHOOTING
logo
Exxelia Group
TCE-TCX-TCN-TXR EXXELIA-TCE-TCX-TCN-TXR Datasheet
700Kb / 16P
Axial Molded Capacitors
revised 11/22
logo
TDK Electronics
TCE0806G TDK-TCE0806G Datasheet
240Kb / 9P
Common Mode Filters For ultra high-speed differential signal line
TCE0806G-900-2P-T TDK-TCE0806G-900-2P-T Datasheet
240Kb / 9P
Common Mode Filters For ultra high-speed differential signal line
TCE0806S TDK-TCE0806S Datasheet
240Kb / 9P
Common Mode Filters For ultra high-speed differential signal line
More results

Similar Description - TCE

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com