Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCE Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TCE
Description  Chip Aluminum Electrolytic Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCE Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TCE Datasheet HTML 1Page - TAITRON Components Incorporated TCE Datasheet HTML 2Page - TAITRON Components Incorporated TCE Datasheet HTML 3Page - TAITRON Components Incorporated TCE Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Chip Aluminum Electrolytic Capacitor
Rev. B/LL
TCE Series
www.taitroncomponents.com
Page 3 of 4
Note:1. Max Dissipation Factor (tanδ) at 120Hz,20°C;
2. Max Equivalent Series Resistance (ESR) at 120Hz, 20°C;
3. Max Permissible Ripple Current (RC) at 120Hz, 85°C.
UR (V)
25
35
50
SPEC
µF
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
0.1
4x5.4
0.12
1593
1
0.22
4x5.4
0.12
723
2
0.33
4x5.4
0.12
482
3
0.47
4x5.4
0.12
338
5
1
4x5.4
0.12
159
10
2.2
4x5.4
0.12
72.3
8
4x5.4
0.12
72.3
16
3.3
4x5.4
0.12
48.2
10
4x5.4
0.12
48.2
16
4.7
4x5.4
0.14
39.5
22
4x5.4
0.12
33.8
22
5x5.4
0.12
33.8
23
4x5.4
0.20
26.5
24
4x5.4
0.16
21.2
24
10
5x5.4
0.14
18.5
28
5x5.4
0.12
15.9
30
6.3x5.4
0.12
15.9
35
22
6.3x5.4
0.14
8.44
55
6.3x5.4
0.12
7.23
60
8x6.2
0.12
7.23
110
33
6.3x5.4
0.14
5.62
65
8x6.2
0.14
5.62
130
8x10.2
0.12
4.82
120
6.3x5.4
0.20
5.64
70
47
8x6.2
0.16
4.51
96
8x6.2
0.14
3.95
165
10x10.2
0.12
3.38
130
100
8x10.2
0.16
2.12
180
10x10.2
0.14
1.85
210
10x10.2
0.12
1.59
190
220
10x10.2
0.16
0.964
310
10x10.2
0.14
0.844
310
10x10.2
0.12
0.723
300
UR (V)
63
100
SPEC
µF
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
3.3
8x10.2
0.18
72.3
30
4.7
6.3x5.4
0.18
50.8
20
8x10.2
0.18
50.8
50
10
6.3x5.4
0.18
23.8
20
8x10.2
0.18
23.8
55
22
8x10.2
0.18
10.8
30
10x10.2
0.18
10.8
60
33
8x10.2
0.18
7.23
30
10x10.2
0.18
72.3
65
47
8x10.2
0.18
5.08
30
100
10x10.2
0.18
2.38
60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com