Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCE Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TCE
Description  Chip Aluminum Electrolytic Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCE Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TCE Datasheet HTML 1Page - TAITRON Components Incorporated TCE Datasheet HTML 2Page - TAITRON Components Incorporated TCE Datasheet HTML 3Page - TAITRON Components Incorporated TCE Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Chip Aluminum Electrolytic Capacitor
Rev. B/LL
TCE Series
www.taitroncomponents.com
Page 2 of 4
Description
Value
Conditions
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not move than 200% of the specified value
Load
Life
Leakage Current
Not more than the specified value
After 2000 Hours applied
Rated Voltage at 85˚C
Shelf Life
Shall meet the same requirement as load life.
After placed at 85°Cwithout
voltage applied for 1000 hours
Ripple Current Multiplier
Frequency (Hz)
Operation Temperature (˚C)
60
120
1000
10,000
≤50
70
85
Coefficient
0.80
1.00
1.15
1.25
1.36
1.25
1.00
Case Size (фD X L in mm) & tan δ & Rated Ripple Current & ESR
UR (V)
4
6.3
SPEC
µF
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
22
4x5.4
0.35
21.1
19
4x5.4
0.26
15.6
20
33
4x5.4
0.35
14.0
26
5x5.4
0.26
10.4
22
47
4x5.4
0.35
9.87
34
5x5.4
0.26
7.33
46
100
5x5.4
0.35
4.64
61
6.3x5.4
0.26
3.44
71
220
6.3x5.4
0.35
2.11
82
8x6.2
0.35
2.11
250
330
8x6.2
0.35
1.40
300
470
8x10.2
0.35
0.987
380
1000
10x10.2
0.35
0.464
700
UR (V)
10
16
SPEC
µF
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
ψDxL
(mm)
tanδ
ESR
(Ω)
RC
(mArms)
4.7
4x5.4
0.16
45.1
20
10
4x5.4
0.16
21.1
28
4x5.4
0.26
15.6
27
22
4x5.4
0.30
18.0
28
5x5.4
0.16
9.64
39
4x5.4
0.30
12.0
29
5x5.4
0.26
10.4
45
33
5x5.4
0.20
8.03
43
6.3x5.4
0.16
6.43
66
47
5x5.4
0.30
8.46
43
6.3x5.4
0.16
4.51
70
100
6.3x5.4
0.26
3.44
70
6.3x5.4
0.20
2.65
70
220
8x6.2
0.26
1.56
250
8x10.2
0.20
1.20
280
330
8x10.2
0.26
1.04
330
10x10.2
0.20
0.803
380
470
10x10.2
0.26
0.733
400
10x10.2
0.20
0.564
420
1000
10x10.2
0.26
0.344
580



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com