Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCF Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # TCF
Description  SMD Long Life Electrolytic Caps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCF Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  TCF Datasheet HTML 1Page - TAITRON Components Incorporated TCF Datasheet HTML 2Page - TAITRON Components Incorporated TCF Datasheet HTML 3Page - TAITRON Components Incorporated TCF Datasheet HTML 4Page - TAITRON Components Incorporated TCF Datasheet HTML 5Page - TAITRON Components Incorporated TCF Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMD Long Life Electrolytic Caps
Rev. A/JJ 20070914
TCF Series
www.taitroncomponents.com
Page 4 of 6
Ripple Current Multiplier
Frequency coefficient
Frequency(Hz)
60
120
1000
10000
Coefficient
0.80
1.00
1.15
1.25
Dimensions (in mm)
Note
Note: (): Reference size
фD
L
A
H
I
W
P
K
4.0
5.4
4.3
5.5 Max
1.8
0.65±0.1
1.0±0.2
0.35+0.15/-0.20
5.0
5.4
5.3
6.5 Max
2.2
0.65±0.1
1.5±0.2
0.35+0.15/-0.20
6.3
5.4
5.3
7.8 Max
2.6
0.65±0.1
1.8±0.2
0.35+0.15/-0.20
8.0
6.2
6.6
9.5 Max
3.4
0.65±0.1
2.2±0.2
0.35+0.15/-0.20
8.0
10.2
8.3
10.0 Max
3.4
0.90±0.2
3.1±0.2
0.70±0.20
10.0
10.2
10.3
12.0 Max
3.5
0.90±0.2
4.6±0.2
0.70±0.20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com