Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCF Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TCF
Description  SMD Long Life Electrolytic Caps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCF Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TCF Datasheet HTML 1Page - TAITRON Components Incorporated TCF Datasheet HTML 2Page - TAITRON Components Incorporated TCF Datasheet HTML 3Page - TAITRON Components Incorporated TCF Datasheet HTML 4Page - TAITRON Components Incorporated TCF Datasheet HTML 5Page - TAITRON Components Incorporated TCF Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/JJ 20070914
TCF SERIES
SMD LONG LIFE
ELECTROLYTIC CAPS
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
SMD Long Life Electrolytic Caps
Features
• Low profile vertical chip
• Lifetime: 3000-5000 hours at 85°C
• RoHS compliant
Specification
Description
Value
Conditions
Operation Temperature Range
-40 ~ +85˚C
Rated Voltage Range (WV)
4~100VDC
Rated Capacitance Range
0.1~1000 uF
Capacitance Tolerance
±20%
at 120Hz, 20 ˚C
Max. Leakage current at 20˚C
I ≤0.01 CV or 3 µA, whichever is greater
(I= Leakage Current(uA), C=Nominal Capacitance(uF), V=Rated Voltage(V))
After 2 minutes applied
Rated Voltage
Max. Dissipation Factor tan δ
Shown in the table of standing rating
at 20˚C, 120Hz
Working Voltage (V)
4
6.3
10
16
25
35
50
63
100
Surge Voltage (V)
5
8
13
20
32
44
63
79
125
at 20˚C
7
4
3
2
2
2
2
2
2
Z(-25˚C)/ Z(+20˚C)
Low Temperature Stability
Impedance Ratio at 120Hz
15
8
6
4
4
3
3
3
3
Z(-40˚C)/ Z(+20˚C)
Cap. Change
Within ±20% of the initial value
Dissipation
Factor
200% or less of initial specified value
Leakage Current
≤ initial specified value
Load Life
Case(ψ)
Life time(hrs)
ψD≤6.3
3000
ψD≥8
5000
After 3000-5000 Hours
applied Rated Voltage at
85˚C
Shelf Life
Shall meet the same requirement as load life test
After placed at 85˚ C
without voltage applied for
1000 hours


Similar Part No. - TCF

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TCF EATON-TCF Datasheet
1Mb / 6P
UL Class CF branch circuit time-delay CUBEFuse
logo
Exxelia Group
TCF EXXELIA-TCF Datasheet
793Kb / 18P
High Voltage Conformal Coated Leaded Capacitors
revised 02/21
logo
Moxa Inc.
TCF-142 MOXA-TCF-142 Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
TCF-142-M-SC MOXA-TCF-142-M-SC Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
TCF-142-M-SC-RM MOXA-TCF-142-M-SC-RM Datasheet
560Kb / 3P
RS-232/422/485 to fiber slide-in modules for the NRack System
More results

Similar Description - TCF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C CDE-500C Datasheet
591Kb / 12P
Long-Life, Screw Terminal, Aluminum Electrolytic
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
105 쨘C Long Life Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
20-Mar-17
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
2000 Hour Long Life, Aluminum Electrolytic
SEK CDE-SEK_18 Datasheet
588Kb / 8P
Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
139CLL VISHAY-139CLL_V01 Datasheet
122Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
15-Dec-2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com