Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCF Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TCF
Description  SMD Long Life Electrolytic Caps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCF Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TCF Datasheet HTML 1Page - TAITRON Components Incorporated TCF Datasheet HTML 2Page - TAITRON Components Incorporated TCF Datasheet HTML 3Page - TAITRON Components Incorporated TCF Datasheet HTML 4Page - TAITRON Components Incorporated TCF Datasheet HTML 5Page - TAITRON Components Incorporated TCF Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Long Life Electrolytic Caps
Rev. A/JJ 20070914
TCF Series
www.taitroncomponents.com
Page 2 of 6
Case Size & tan δ & Rated Ripple Current & ESR
Rated Voltage (V)
4
6.3
C(µF)
Size
tanδ
Ripple
ESR
Size
tanδ
Ripple
ESR
4.7
10
22
4x5.4
0.35
19
21.1
4x5.4
0.26
20
15.6
33
4x5.4
0.35
26
14.0
5x5.4
0.26
22
10.4
47
4x5.4
0.35
34
9.87
5x5.4
0.26
46
7.33
100
5x5.4
0.35
61
4.64
6.3x5.4
0.26
71
3.44
220
6.3x5.4
0.35
82
2.11
8x6.2
0.35
250
2.11
330
8x6.2
0.35
300
1.40
470
8x10.2
0.35
380
0.99
1000
10x10.2
0.35
700
0.46
Rated Voltage (V)
10
16
C(µF)
Size
tanδ
Ripple
ESR
Size
tanδ
Ripple
ESR
4.7
4x5.4
0.16
20
45.1
10
4x5.4
0.16
28
21.1
4x5.4
0.26
27
15.6
22
4x5.4
0.30
28
18.0
5x5.4
0.16
39
9.64
4x5.4
0.30
29
12.0
5x5.4
0.26
45
10.4
33
5x5.4
0.20
43
8.03
6.3x5.4
0.16
66
6.43
47
5x5.4
0.30
43
8.46
6.3x5.4
0.16
70
4.51
100
6.3x5.4
0.26
70
3.44
6.3x5.4
0.20
70
2.65
220
8x6.2
0.26
250
1.56
8x10.2
0.20
280
1.20
330
8x10.2
0.26
330
1.04
10x10.2
0.20
380
0.80
470
10x10.2
0.26
400
0.73
10x10.2
0.20
420
0.56
1000
10x10.2
0.26
580
0.34



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com