Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALO20B48 Datasheet(PDF) 25 Page - Astec America, Inc

Part # ALO20B48
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO20B48 Datasheet(HTML) 25 Page - Astec America, Inc

Back Button ALO20B48 Datasheet HTML 21Page - Astec America, Inc ALO20B48 Datasheet HTML 22Page - Astec America, Inc ALO20B48 Datasheet HTML 23Page - Astec America, Inc ALO20B48 Datasheet HTML 24Page - Astec America, Inc ALO20B48 Datasheet HTML 25Page - Astec America, Inc ALO20B48 Datasheet HTML 26Page - Astec America, Inc ALO20B48 Datasheet HTML 27Page - Astec America, Inc ALO20B48 Datasheet HTML 28Page - Astec America, Inc ALO20B48 Datasheet HTML 29Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 25 OF 30
JUNE 24, 2005 - REVISION B
Performance Curves
1.2V @ 40A (continued)
Figure 81. 1.5V [Ch1] startup characteristic at VIN = 48V,
IO = 40A, TA = 25
°C.
Figure 82. Output ripple at VIN = 48V, IO = 40A, TA =
25
°C (See Fig 2).
Figure 83. Output transient response at 50% to 75% step,
VIN = 48V, TA = 25
°C, C
O = 0.
Figure 84. Output transient response at 25% to 50% step,
VIN = 48V, TA = 25
°C, C
O = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com