Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALO20B48 Datasheet(PDF) 27 Page - Astec America, Inc

Part # ALO20B48
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO20B48 Datasheet(HTML) 27 Page - Astec America, Inc

Back Button ALO20B48 Datasheet HTML 22Page - Astec America, Inc ALO20B48 Datasheet HTML 23Page - Astec America, Inc ALO20B48 Datasheet HTML 24Page - Astec America, Inc ALO20B48 Datasheet HTML 25Page - Astec America, Inc ALO20B48 Datasheet HTML 26Page - Astec America, Inc ALO20B48 Datasheet HTML 27Page - Astec America, Inc ALO20B48 Datasheet HTML 28Page - Astec America, Inc ALO20B48 Datasheet HTML 29Page - Astec America, Inc ALO20B48 Datasheet HTML 30Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 27 OF 30
JUNE 24, 2005 - REVISION B
Input Filter for FCC Class B Conducted Noise
A reference design for an input filter that can provide FCC Class B conducted noise levels is shown below (See Figure 89). Two
common mode connected inductors are used in the circuit along with balanced bypass capacitors to shunt common mode currents
into the ground plane. Shunting noise current back to the converter reduces the amount of energy reaching the input LISN for
measurement.
The application circuit shown has an earth ground (frame ground) connected to the converter output (-) terminal. Such a
configuration is common practice to accommodate safety agency requirements. Grounding an output terminal results in much
higher conducted emissions as measured at the input LISN because a hard path for common mode current back to the LISN is
created by the frame ground. “Floating” loads generally result in much lower measured emissions. The electrical equivalent of a
floating load, for EMI measurement purposes, can be created by grounding the converter output (load) through a suitably sized
inductor(s) while maintaining the necessary safety bonding.
Figure 89: Class B Filter Circuit
PARTS LIST
CKT CODE
DESCRIPTION
Common
Mode Choke
CTX01-15091
Cooper Electronic
Technologies
X-Cap
0.47 µF X 4pcs
Y-Cap
22 nF X 4 pcs
CIN
220 µF X 1pc
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com