Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALO20B48 Datasheet(PDF) 30 Page - Astec America, Inc

Part # ALO20B48
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO20B48 Datasheet(HTML) 30 Page - Astec America, Inc

Back Button ALO20B48 Datasheet HTML 22Page - Astec America, Inc ALO20B48 Datasheet HTML 23Page - Astec America, Inc ALO20B48 Datasheet HTML 24Page - Astec America, Inc ALO20B48 Datasheet HTML 25Page - Astec America, Inc ALO20B48 Datasheet HTML 26Page - Astec America, Inc ALO20B48 Datasheet HTML 27Page - Astec America, Inc ALO20B48 Datasheet HTML 28Page - Astec America, Inc ALO20B48 Datasheet HTML 29Page - Astec America, Inc ALO20B48 Datasheet HTML 30Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 30 OF 30
JUNE 24, 2005 - REVISION B
RECOMMENDED REFLOW PROFILE
0
20
40
60
80
100
120
140
160
180
200
220
240
0
30
60
90
120
150
180
210
240
270
300
TIME (seconds)
SOLDERING CONSIDERATIONS
The AEO and ALO series converters are compatible
with standard wave soldering techniques. When wave
soldering, the converter pins should be preheated for
20-30 sec at 110
°C and wave soldered at 260°C for
less than 10 sec.
When hand soldering, the iron temperature should be
maintained at 425
°C and applied to the converter pins
for less than 5 seconds. Longer exposure can cause
internal damage to the converter. Cleaning can be
performed with cleaning solvent IPA or with water.
For SMT terminated modules, refer to Figure 92 for
the recommended reflow profile.
TABLE 2: PART NUMBERING SCHEME
CONSTRUCTION
O/P CURRENT
O/P VOLTAGE
Vin
Enable
TH PIN
LENGTH
TERMINATION
A
W
O
xx
y
48
N
-
6
S
L = Open frame
E = Baseplate
10 = 10A
20 = 20A
30 = 30A
35 = 35A
40 = 40A
40 = 40A
40 = 40A
B = 12V
A = 5.0V
F = 3.3V
G = 2.5V
Y = 1.8V
M = 1.5V
K = 1.2V
N = Negative
Blank = Positive
6 = 3.7mm
blank = 5mm
default
S = SMT Termination
(option exists for 30A
and below)
Blank = (TH) thru-hole
Note: 1) For Through Hole termination:
- Std pin length is 5mm nominal (min: 0.189 [4.8]; max: 0.205 [5.2] / in [mm])
- “-6” option is 3.7mm nominal (min: 0.137 [3.5]; max: 0.152 [3.9] / in [mm])
- Pins 4&8 diameter:
∅ = 0.062 [1.57], others: ∅ = 0.04 [1.0] (6X)
Please call 1-888-41-ASTEC for further inquiries or visit
us at www.astecpower.com
Figure 92. Recommended reflow profile for SMT modules.
REFLOW
ZONE
< 80 sec
183
°C
PEAK TEMPERATURE
200
°C - 230°C
PRE-HEAT ZONE
120 - 180 sec
110
°C
SLOPE
< 4
°C /sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com