Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO-D Datasheet(PDF) 1 Page - Fox Electronics

Part # VCXO-D
Description  3.3V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

VCXO-D Datasheet(HTML) 1 Page - Fox Electronics

  VCXO-D Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
81
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
OPTIONS
• Many Stability/Pullability Options
• -40ºC ~ +85ºC Option ('R' Version)
• 1/2 Size Version Available
FEATURES
• 3.3V Operation
• HCMOS Output
• Low Power Consumption
• Rugged Resistance Weld
3.3V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
MODEL: VCXO-D
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, vibration, and Vc = 1.65V.
2 Higher frequencies available on an individual inquiry basis.
All specifications subject to change without notice. Rev. 6/1/04
1.000 ~ 40.5002 MHz
-55ºC ~ +125ºC
3.3V ± 5%
1.65V ± 1.65V
10mA
15mA
25mA
40% ~ 60%
10nS
10nS
10% VDD
90% VDD Min
4.0mA Min
-1.0mA Min
15pF
10mS
±10%
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Control Voltage
(VC)
Input Current
(IDD)
1.000 ~ 24.000 MHz
24.000+ ~ 35.000 MHz
35.000+ ~ 40.500 MHz
Output Symmetry (50% VDD)
Rise Time (10% ~ 90% VDD)(TR)
Fall Time (90% ~ 10% VDD)(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
(HCMOS)
Start-up Time
(TS)
Frequency
Linearity
• ELECTRICAL CHARACTERISTICS
All dimensions are in millimeters.
Frequency
Stability1
±50PPM
±50PPM
±25PPM
±25PPM
±25PPM
±100PPM
±100PPM
Operating
Temperature
-10 ~ +70 (ºC)
-40 ~ +85 (ºC)
-10 ~ +70 (ºC)
-40 ~ +85 (ºC)
-10 ~ +70 (ºC)
-10 ~ +70 (ºC)
-40 ~ +85 (ºC)
Frequency
Range (MHz)
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
VCXO-D3
VCXO-D3R
VCXO-D4
VCXO-D4R
VCXO-D7
VCXO-D8
VCXO-D8R
Model
Number
Frequency
Pullability
±100PPM
±100PPM
±100PPM
±100PPM
±50PPM
±100PPM
±100PPM
MAX (unless otherwise noted)
Part Number
459-Frequency-xxxxx
463-Frequency-xxxxx
460-Frequency-xxxxx
671-Frequency-xxxxx
461-Frequency-xxxxx
462-Frequency-xxxxx
464-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
Learn more about:
Part Marking Identification
Internet required
Discontinued


Similar Part No. - VCXO-D

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
VCXO-D3LF FOX-VCXO-D3LF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
VCXO-D3RLF FOX-VCXO-D3RLF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
VCXO-D4LF FOX-VCXO-D4LF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
VCXO-D4RLF FOX-VCXO-D4RLF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
VCXO-D7LF FOX-VCXO-D7LF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
More results

Similar Description - VCXO-D

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT83027 VAISH-VT83027 Datasheet
70Kb / 3P
27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
K1536BLC MTRONPTI-K1536BLC Datasheet
291Kb / 2P
3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
K1536CLC MTRONPTI-K1536CLC Datasheet
303Kb / 2P
3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCXO-C FOX-VCXO-C Datasheet
268Kb / 1P
5.0V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
AiT Semiconductor Inc.
KODF AITSEMI-KODF Datasheet
268Kb / 1P
THRU-HOLE CRYSTAL OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com