Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP19NC60K Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP19NC60K
Description  20 A - 600 V - short circuit rugged IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP19NC60K Datasheet HTML 3Page - STMicroelectronics STGP19NC60K Datasheet HTML 4Page - STMicroelectronics STGP19NC60K Datasheet HTML 5Page - STMicroelectronics STGP19NC60K Datasheet HTML 6Page - STMicroelectronics STGP19NC60K Datasheet HTML 7Page - STMicroelectronics STGP19NC60K Datasheet HTML 8Page - STMicroelectronics STGP19NC60K Datasheet HTML 9Page - STMicroelectronics STGP19NC60K Datasheet HTML 10Page - STMicroelectronics STGP19NC60K Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STGB19NC60K - STGP19NC60K
Electrical characteristics
7/15
Figure 8.
Normalized gate threshold voltage
vs temperature
Figure 9.
Collector-emitter on voltage vs
collector current
Figure 10.
Normalized breakdown voltage vs
temperature
Figure 11.
Switching losses vs temperature
Figure 12.
Switching losses vs gate resistance Figure 13.
Switching losses vs collector
current
HV43070
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
VGE(th)
(norm)
-100
-50
0
50
100
150
TJ(°C)
IC=250µA
0.8
1.05
1.3
1.55
1.8
2.05
2.3
2.55
VCE(sat)
-50°C
25°C
125°C
0
5
10
15
20
25
30
3540 IC(A)
HV43090
(V)
HV43080
-100
-50
0
50
100
150
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
BVCES
(norm)
TJ(°C)
IC=250µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com