Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP19NC60K Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP19NC60K
Description  20 A - 600 V - short circuit rugged IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60K Datasheet(HTML) 1 Page - STMicroelectronics

  STGP19NC60K Datasheet HTML 1Page - STMicroelectronics STGP19NC60K Datasheet HTML 2Page - STMicroelectronics STGP19NC60K Datasheet HTML 3Page - STMicroelectronics STGP19NC60K Datasheet HTML 4Page - STMicroelectronics STGP19NC60K Datasheet HTML 5Page - STMicroelectronics STGP19NC60K Datasheet HTML 6Page - STMicroelectronics STGP19NC60K Datasheet HTML 7Page - STMicroelectronics STGP19NC60K Datasheet HTML 8Page - STMicroelectronics STGP19NC60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2008
Rev 2
1/15
15
STGB19NC60K
STGP19NC60K
20 A - 600 V - short circuit rugged IGBT
Features
■ Low on-voltage drop (VCE(sat))
■ Low Cres / Cies ratio (no cross conduction
susceptibility)
■ Short circuit withstand time 10 µs
■ IGBT co-packaged with ultra fast free-wheeling
diode
Applications
■ High frequency inverters
■ Motor drivers
Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.
Figure 1.
Internal schematic diagram
1
2
3
1
3
TO-220
D2PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGB19NC60KT4
GB19NC60K
D2PAK
Tape and reel
STGP19NC60K
GP19NC60K
TO-220
Tube
www.st.com


Similar Part No. - STGP19NC60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP19NC60KD STMICROELECTRONICS-STGP19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
More results

Similar Description - STGP19NC60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
30 A - 600 V - short circuit rugged IGBT
07-Mar-2008
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
14 A, 600 V - short-circuit rugged IGBT
15-Mar-2010
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
600 V, 40 A short-circuit rugged IGBT
12-Mar-2014
STGF14N60D STMICROELECTRONICS-STGF14N60D Datasheet
425Kb / 11P
14 A - 600 V - short circuit rugged IGBT
20-Feb-2009
STGB10HF60KD STMICROELECTRONICS-STGB10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
14 A - 600 V - short-circuit rugged IGBT
17-Aug-2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
10 A, 600 V short-circuit rugged IGBT
06-Jun-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com