Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP19NC60K Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP19NC60K
Description  20 A - 600 V - short circuit rugged IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60K Datasheet(HTML) 4 Page - STMicroelectronics

  STGP19NC60K Datasheet HTML 1Page - STMicroelectronics STGP19NC60K Datasheet HTML 2Page - STMicroelectronics STGP19NC60K Datasheet HTML 3Page - STMicroelectronics STGP19NC60K Datasheet HTML 4Page - STMicroelectronics STGP19NC60K Datasheet HTML 5Page - STMicroelectronics STGP19NC60K Datasheet HTML 6Page - STMicroelectronics STGP19NC60K Datasheet HTML 7Page - STMicroelectronics STGP19NC60K Datasheet HTML 8Page - STMicroelectronics STGP19NC60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STGB19NC60K - STGP19NC60K
4/15
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)CES
Collector-emitter breakdown
voltage (VGE= 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 12 A
VGE = 15 V, IC = 12 A,
Tc = 125 °C
2.0
1.8
2.75
V
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, TC = 125 °C
150
1
µA
mA
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
4.5
6.5
V
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V
±100
nA
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VCE = 15 V , IC = 12 A
15
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
1170
127
28
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 480 V, IC = 12 A,
VGE = 15 V
(see Figure 17)
55
11
26
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com