Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS613 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS613
Description  STMicroelectronics Solutions for ADSL Line Interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS613 Datasheet(HTML) 2 Page - STMicroelectronics

  TS613 Datasheet HTML 1Page - STMicroelectronics TS613 Datasheet HTML 2Page - STMicroelectronics TS613 Datasheet HTML 3Page - STMicroelectronics TS613 Datasheet HTML 4Page - STMicroelectronics TS613 Datasheet HTML 5Page - STMicroelectronics TS613 Datasheet HTML 6Page - STMicroelectronics TS613 Datasheet HTML 7Page - STMicroelectronics TS613 Datasheet HTML 8Page - STMicroelectronics TS613 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
TA0313
STMicroelectronics Solutions for ADSL Line Interfaces
The line interface - ADSL remote terminal (RT)
Figure 2 shows a typical analog line interface used for ADSL. The upstream and downstream signals are
separated from the telephone line by using an hybrid circuit and a line transformer. On this note,
emphasis will be placed on the emission path.
The emission path
The features of the TS613 and TS612 drivers are shown in Table 1 below.
In order to shrink the line interface size, the TS613 comes in the classic SO8 plastic package as well as
the SO8 ExposedPAD plastic package, capable of dissipating 1.7W at room temperature. While this
circuit does not feature a power-down function, it does have the advantage of featuring a standard pin-
out.
Figure 2: Typical ADSL Line Interface
Table 1: Features of drivers
GBP
(MHz)
BW
Gain=4
MHz)
SR
(V/µs)
Iout typ.
(mA)
Noise
(
nV/
√Hz)
Icc per
op.
(mA)
HD2/HD31
(dBc)
1) Single ended 4Vpp/100kHz on 25
Ω//15pF
Vout
diff.
(Vpp
min)
Packages
TS613
VFA
130
34
40
320
3
11
74/79
18
SO8
SO8 Exposed Pad
TS612
VFA
130
34
40
320
3
14
74/79
18
SO20 Batwing
HYBRID
POTS
SPLITTER
line
TRANSMISSION
RECEPTION
TS613
TS612
AFE
25
Ω
12.5
Ω
TX
RX
DMT
12.5
Ω
HYBRID
POTS
SPLITTER
line
TRANSMISSION
RECEPTION
TS613
TS612
AFE
25
Ω
12.5
Ω
TX
RX
DMT
12.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com