Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS613 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS613
Description  STMicroelectronics Solutions for ADSL Line Interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS613 Datasheet(HTML) 5 Page - STMicroelectronics

  TS613 Datasheet HTML 1Page - STMicroelectronics TS613 Datasheet HTML 2Page - STMicroelectronics TS613 Datasheet HTML 3Page - STMicroelectronics TS613 Datasheet HTML 4Page - STMicroelectronics TS613 Datasheet HTML 5Page - STMicroelectronics TS613 Datasheet HTML 6Page - STMicroelectronics TS613 Datasheet HTML 7Page - STMicroelectronics TS613 Datasheet HTML 8Page - STMicroelectronics TS613 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
STMicroelectronics Solutions for ADSL Line Interfaces
TA0313
The resistances R1, R2 and R3 allow us to calculate the gain of the structure as follows:
The damping factor can be derived from these resistances and the capacitances C1, C2, C3 and C4:
with:
The higher the gain, the more sensitive the damping factor is. When the gain is higher than 1 it is
preferable to use very stable resistance and capacitance values.
The value of the gain does not affect the cut-off frequency, fc, which is derived as follows:
Moreover this expression shows that it is possible to shift the cut-off frequency by simply changing the
values of the resistances R4, R5 or R6, R7 — with neither a change of capacitance nor of the damping
factor.
The following table shows a calculations of components for a cut-off frequency around 130kHz for the
ADSL over POTS and 270kHz for the ADSL over ISDN. The final, accurate settings are made by
compromising between the attenuation of the highest frequencies of the upstream signal and the impact
of the distortion on the downstream signal. This is best done directly in the application. Nevertheless we
can start with the following initial values:
Transformation ratio
In differential mode, the TS613 and TS612 are able to deliver a typical amplitude signal of 18V peak to
peak.
The dynamic line impedance is 100
Ω. The typical value of the amplitude signal required on the line is up
to 12.4V peak to peak. By using a 1:2 transformer ratio the reflected impedance back to the primary will
be a quarter (25
Ω) and therefore the amplitude of the signal required with this impedance will be halved
(6.2 V peak to peak). Assuming a 25
Ω series resistance (12.5Ω for both outputs) is necessary for
impedance matching, the output signal amplitude required is 12.4V peak to peak. This value is
acceptable for both TS613 and TS612. In this case, the load impedance is 25
Ω for each driver in single
ended.
R1
(
Ω)
R2
R3
(
Ω)
R4
R6
(
Ω)
R5
R7
(
Ω)
C1
C3
(nF)
C2
C4
(nF)
Gain
(dB)
fc
(kHz)
ζ
180
536
261
261
10
2.2
16.8
130
0.73
180
536
127
127
10
2.2
16.8
270
0.73
Gain
1
2R2
R1
-----------
+1
2R 3
R 1
-----------
+
==
ζ
2 C1
αC2
–
2 C1C 2
-----------------------------
2C 3
αC4
–
2 C3C 4
-----------------------------
==
α
2R 2
R 1
-----------
2R3
R1
-----------
==
fc
1
2
π R4R5C1C2
--------------------------------------------
1
2
π R6R7C3C4
--------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com