Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS613 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS613
Description  STMicroelectronics Solutions for ADSL Line Interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS613 Datasheet(HTML) 4 Page - STMicroelectronics

  TS613 Datasheet HTML 1Page - STMicroelectronics TS613 Datasheet HTML 2Page - STMicroelectronics TS613 Datasheet HTML 3Page - STMicroelectronics TS613 Datasheet HTML 4Page - STMicroelectronics TS613 Datasheet HTML 5Page - STMicroelectronics TS613 Datasheet HTML 6Page - STMicroelectronics TS613 Datasheet HTML 7Page - STMicroelectronics TS613 Datasheet HTML 8Page - STMicroelectronics TS613 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
TA0313
STMicroelectronics Solutions for ADSL Line Interfaces
The input provides two high-pass filters with a break frequency of about 1.6kHz which is necessary to
remove the DC component of the input signal. To avoid DC current flowing into the primary side of the
transformer, an output capacitor is used. The 1
µF capacitance provides a path for low frequencies, the
10nF capacitance provides a path for high end of the spectrum.
Filtering
As the hybrid circuit cannot perfectly separate the upstream signal and the downstream signal, any
distortion from the upstream signal could affect the downstream signal. For the upstream path, a low-
pass filter becomes absolutely necessary in order to cut off the higher frequencies from the DAC analog
output and the driver distortions. In this simple non-inverting amplification configuration, it is easy to
implement a Sallen-Key low-pass filter by using the TS613 or TS612.
A first solution is to use a LC cell before the driver to provide the low-pass filtering. Nevertheless, as
shown in Figure 6, using 2nd order active filtering is a good solution especially as regards cost and
space-saving considerations.
In the configuration shown in Figure 6, we assume R4=R6, R5=R7, C1=C3 and C2=C4.
Figure 5: Transmission path filtering
Figure 6: TS613 line driver with 2nd order active filtering
30 kH z
PO T S
U p stream
Dow n s t re a m
lo w pas s filter (trans m is s ion path)
D is tor tion
13 0kH z (o v e r P O T S )
27 6kH z (o v e r IS D N )
½R1
R3
R2
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
12.5
Ω
10n
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
Ω
GND
3k9
3k9
10µ
100n
100n
100n
1k
1k
10n
µ
½R1
12.5
Ω
R4
R5
C2
C4
R6
R7
C1
C3
½R1
R3
R2
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
12.5
Ω
10n
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
Ω
GND
3k9
3k9
10µ
100n
100n
100n
1k
1k
10n
µ
½R1
12.5
Ω
R4
R5
C2
C4
R6
R7
C1
C3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com