Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924IDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS924IDT
Description  Rail-to-rail high output current quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924IDT Datasheet(HTML) 3 Page - STMicroelectronics

  TS924IDT Datasheet HTML 1Page - STMicroelectronics TS924IDT Datasheet HTML 2Page - STMicroelectronics TS924IDT Datasheet HTML 3Page - STMicroelectronics TS924IDT Datasheet HTML 4Page - STMicroelectronics TS924IDT Datasheet HTML 5Page - STMicroelectronics TS924IDT Datasheet HTML 6Page - STMicroelectronics TS924IDT Datasheet HTML 7Page - STMicroelectronics TS924IDT Datasheet HTML 8Page - STMicroelectronics TS924IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TS924
Electrical characteristics
3/14
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC = +3V
with VDD = 0V, Vicm = VCC/2, Tamb = 25°C, and RL connected to VCC/2
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
TS924
TS924A
Tmin ≤ Tamb ≤ Tmax
TS924
TS924A
3
0.9
5
1.8
mV
DVio
Input offset voltage drift
2
µV/°C
Iio
Input offset current - Vout = VCC/2
1
30
nA
Iib
Input bias current - Vout = VCC/2
15
100
nA
VOH
High level output voltage
RL= 10kΩ
RL = 600Ω
RL = 32Ω
2.90
2.87
2.63
V
VOL
Low level output voltage
RL= 10kΩ
RL = 600Ω
RL = 32Ω
180
50
100
mV
Avd
Large signal voltage gain (Vout = 2Vpk-pk)
RL= 10kΩ
RL = 600Ω
RL = 32Ω
200
35
16
V/mV
ICC
Total supply current - no load, Vout = VCC/2
4.5
7
mA
GBP
Gain bandwidth product - RL = 600Ω
4MHz
CMR
Common mode rejection ratio
60
80
dB
SVR
Supply voltage rejection ratio - VCC = 2.7 to 3.3V
60
85
dB
Io
Output short-circuit current
50
80
mA
SR
Slew rate
0.7
1.3
V/µs
φm
Phase margin at unit gain - RL = 600Ω, CL =100pF
68
Degrees
Gm
Gain margin - RL = 600Ω, CL =100pF
12
dB
en
Equivalent input noise voltage - f = 1kHz
9
THD
Total harmonic distortion
Vout = 2Vpk-pk, F = 1kHz, Av = 1, RL =600Ω
0.005
%
Cs
Channel separation
120
dB
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com