Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS924IDT
Description  Rail-to-rail high output current quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TS924IDT Datasheet HTML 1Page - STMicroelectronics TS924IDT Datasheet HTML 2Page - STMicroelectronics TS924IDT Datasheet HTML 3Page - STMicroelectronics TS924IDT Datasheet HTML 4Page - STMicroelectronics TS924IDT Datasheet HTML 5Page - STMicroelectronics TS924IDT Datasheet HTML 6Page - STMicroelectronics TS924IDT Datasheet HTML 7Page - STMicroelectronics TS924IDT Datasheet HTML 8Page - STMicroelectronics TS924IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2008
Rev 5
1/14
14
TS924
Rail-to-rail high output current quad operational amplifier
Features
■ Rail-to-rail input and output
■ Low noise: 9 nV/√Hz
■ Low distortion
■ High output current: 80 mA
(able to drive 32
Ω loads)
■ High-speed: 4 MHz, 1.3 V/µs
■ Operating range from 2.7 V to 12 V
■ Low input offset voltage: 900 µV max (TS924A)
■ ESD internal protection: 3 kV
■ Latch-up immunity
■ Macromodel included in this specification
Applications
■ Headphone amplifier
■ Piezoelectric speaker driver
■ Sound cards
■ MPEG boards, multimedia systems
■ Line driver, buffer
■ Cordless telephones and portable
communication equipment
■ Instrumentation with low noise as key factor
Description
The TS924 is a rail-to-rail quad BiCMOS
operational amplifier optimized and fully specified
for 3 V and 5 V operation.
High output current allows low load impedances
to be driven.
The TS924 exhibits a very low noise, low
distortion, low offset and high output current
capability making this device an excellent choice
for high quality, low voltage or battery operated
audio systems.
The device is stable for capacitive loads up to
500 pF.
N
DIP14
(Plastic package)
D
SO-14
(Plastic micropackage)
P
TSSOP14
(Thin shrink small outline package)
Pin connections (top view)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
www.st.com


Similar Part No. - TS924IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS924ID/IDT STMICROELECTRONICS-TS924ID/IDT Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
More results

Similar Description - TS924IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com