Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924IDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS924IDT
Description  Rail-to-rail high output current quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924IDT Datasheet(HTML) 5 Page - STMicroelectronics

  TS924IDT Datasheet HTML 1Page - STMicroelectronics TS924IDT Datasheet HTML 2Page - STMicroelectronics TS924IDT Datasheet HTML 3Page - STMicroelectronics TS924IDT Datasheet HTML 4Page - STMicroelectronics TS924IDT Datasheet HTML 5Page - STMicroelectronics TS924IDT Datasheet HTML 6Page - STMicroelectronics TS924IDT Datasheet HTML 7Page - STMicroelectronics TS924IDT Datasheet HTML 8Page - STMicroelectronics TS924IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS924
Electrical characteristics
5/14
Figure 1.
Output short circuit current vs.
output voltage
Figure 2.
Output short circuit current vs.
output voltage
02
46
8
10
12
Output Voltage (V)
-100
-80
-60
-40
-20
0
20
40
60
80
100
Vcc=0/12V
Sink
Source
Vcc=0/3V
Source
Sink
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
0,5
1
1,5
2
2,5
3
Output Voltage (V)
Figure 3.
Voltage gain and phase vs.
frequency
Figure 4.
Output short circuit current vs.
output voltage
Gain
CL=500pF
VCC=±1.5V
Phase
Vcc=0/5V
Source
Sink
-100
-80
-60
-40
-20
0
20
40
60
80
100
012
345
Output Voltage (V)
Figure 5.
Voltage gain and phase vs.
frequency
Figure 6.
THD + noise vs. frequency
RL=10κ
CL=100pF
VCC=±1.5V
Gain
Phase
RL=2k Vo=10Vpp
VCC=±6V Av= -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com