Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT640-S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT640-S
Description  CMOS LSI for remote control system applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT640-S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT640-S Datasheet HTML 1Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 2Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 3Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 4Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 5Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Holtek HT640/S Data Sheet
Page 2
P
PIIN
N D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
NS
S
Pin Name
I/O
Internal
Connection
Description
A0-A11
I
TRANSMISSION
GATE
Input pins for address A0-A9 setting
They can be externally set to VDD, VSS, or left open.
D0-D7
I
TRANSMISSION
GATE
Input pins for data (D0-D7) setting
They can be externally set to VDD, VSS, or left open.
DOUT
O
CMOS OUT
Encoder data serial transmission output
TE
I
CMOS In
Pull-low
Transmission enable, active high
OSC1
I
OSCILLATOR
Oscillator input pin
OSC2
O
OSCILLATOR
Oscillator output pin
VSS
I
Negative power supply (GND)
VDD
I
Positive power supply
A
AP
PP
PR
RO
OX
XIIM
MA
AT
TE
E IIN
NT
TE
ER
RN
NA
AL
L C
CIIR
RC
CU
UIIT
TS
S
TRANSMISSION
GATE
CMOS OUT
CMOS IN
Pull Low
OSCILLATOR
OSC1
OSC2
EN
P
PIIN
N O
OU
UT
T
VDD
D0
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D1
D2
D3
D4
D5
D6
D7
TE
DOUT
OSC2
OSC1
VSS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com