Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT640-S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HT640-S
Description  CMOS LSI for remote control system applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT640-S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HT640-S Datasheet HTML 1Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 2Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 3Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 4Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 5Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Holtek HT640/S Data Sheet
Page 5
Check
Check
< 1 Word
3 Words
Transmitted Continuously
3 Words
1/2 Clock Time
Decoder
Data Out
Decoder VT
Encoder
Data Out
Encoder
Transmit
Enable
1/2 Clock Time
2 Words
2
14
Clocks
2
14
Clocks
E
EN
NC
CO
OD
DE
ER
R//D
DE
EC
CO
OD
DE
ER
R T
TIIM
MIIN
NG
G
E
EN
NC
CO
OD
DE
ER
R//D
DE
EC
CO
OD
DE
ER
R D
DA
AT
TA
A S
ST
TR
RU
UC
CT
TU
UR
RE
E
SYNC BITS
A&D BITS
PULLED TO
VCC
ADDRESS BITS
DATA BITS
A&D BITS
OPEN
A&D Bits
PULLED TO
GND
15.1mS
5.6mS
26mS
21mS
SYNC
PERIOD
SYNC BITS
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
D0
D1
D2
D3
D4
D5
D6
D7
31.02%
38.40%
8.27%
22.30%
TIME DEPENDANT ON OSCILLATOR RESISTOR CHOSEN (390k)
PERCENTAGES OF TOTAL TIME FOR ONE WORD PLUS SYNC
fosc/33
"One"
"Zero"
"Open"
Bit Pattern Interpretation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com