Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT640-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT640-S
Description  CMOS LSI for remote control system applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT640-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT640-S Datasheet HTML 1Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 2Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 3Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 4Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 5Page - List of Unclassifed Manufacturers HT640-S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WIRELESS MADE SIMPLE
Holtek HT640/S Data Sheet
F
FE
EA
AT
TU
UR
RE
ES
S
• Operating voltage: 2.4V~12V
• Low power and high noise immunity CMOS
technology
• Low standby current
• Capable of decoding 18 bits of information
• Pairs with HOLTEK’s HT640 encoder
• 10 address pins
• 8 data pins
• Trinary address setting
• Two times of receiving check
• Built-in oscillator needs only a 5% resistor
• Valid transmission indictor
• Easily interface with an RF or an infrared
transmission medium
• Minimal external components
A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
NS
S
• Burglar alarm system
• Smoke and fire alarm system
• Garage door controllers
• Car door controllers
• Car alarm system
• Security system
• Cordless telephones
• Other remote control systems
G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
The HT640/S encoder is a CMOS LSI for remote control system applications. It is paired with the
HT658/S decoder. The HT640 encoder is capable of encoding 18 bits of information, which consists
of 10 address bits and 8 data bits. The programmable address / data is transmitted together with the
header bits via an RF or an infrared transmission medium upon receipt of a trigger signal on the TE
line.
N
No
otte
e::
This product is manufactured and supported by Holtek Semiconductor. This data sheet is provided as a courtesy to Linx customers
and is believed to be accurate at the time of publication, however these specifications may change at any time without notice. Linx
Technologies makes no representation as to the accuracy or suitability of this information for any purpose. For more information
please contact Holtek at www.holtek.com.


Similar Part No. - HT640-S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
3(18) Series of Encoders
July 8, 1999
More results

Similar Description - HT640-S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8505 NPC-SM8505 Datasheet
589Kb / 9P
Infrared Remote Control LSI
logo
Toshiba Semiconductor
TC9028AP TOSHIBA-TC9028AP Datasheet
835Kb / 20P
INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
TC9028P TOSHIBA-TC9028P Datasheet
828Kb / 20P
INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
TC9244P TOSHIBA-TC9244P Datasheet
321Kb / 8P
LSI FOR REMOTE CONTROL RECEIVING
TC9259N TOSHIBA-TC9259N Datasheet
339Kb / 8P
INFRARED REMOTE CONTROL RECEIVING LSI
logo
Sanyo Semicon Device
LC8910 SANYO-LC8910 Datasheet
102Kb / 4P
Remote Control LSI
logo
NEC
UPD6102G NEC-UPD6102G Datasheet
655Kb / 9P
MULTI-PURPOSE REMOTE CONTROL TRANMITTER IC CMOS LSI
logo
List of Unclassifed Man...
HT658-S ETC2-HT658-S Datasheet
168Kb / 6P
CMOS LSI for remote control system applications
logo
Motorola, Inc
MC145030 MOTOROLA-MC145030 Datasheet
198Kb / 8P
Remote Control Encoder/Decoder LSI CMOS
logo
rfsolutions.ltd
QUANTAFOB RFSOLUTIONS-QUANTAFOB Datasheet
2Mb / 8P
Remote Control System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com