Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5463IPFPRG4 Datasheet HTML 1Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 2Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 3Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD5
Analog supply voltage
4.75
5
5.25
V
AVDD3
Analog supply voltage
3
3.3
3.6
V
DVDD3
Output driver supply voltage
3
3.3
3.6
V
ANALOG INPUT
Differential input range
2.2
Vpp
VCM
Input common mode
2.4
V
DIGITAL OUTPUT (DRY, DATA, OVR)
Maximum differential output load
10
pF
CLOCK INPUT (CLK)
CLK input sample rate (sine wave)
20
500
MSPS
Clock amplitude, differential sine wave
0.5
5
Vpp
Clock duty cycle
40
50
60
%
TA
Open free-air temperature
–40
85
°C
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 3-VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
ANALOG INPUTS
Differential input range
2.2
VPP
VCM
Analog Input common-mode voltage
Self-biased
2.4
V
Input resistance (dc)
Each input to VCM
500
Ω
Input capacitance
Each input to GND (including package)
4.8
pF
Analog input bandwidth (–3 dB)
2.3
GHz
CMRR
Common-mode rejection ratio
Common mode signal = 10 MHz
90
dB
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
2.4
V
DYNAMIC ACCURACY
No missing codes
Specified
DNL
Differential linearity error
fIN = 10 MHz
–0.95
±0.25
0.95
LSB
INL
Integral linearity error
fIN = 10 MHz
–2.5
+0.8/–0.3
2.5
LSB
Offset error
–11
11
mV
Offset temperature coefficient
0.0005
mV/
°C
Gain error
–5
5
%FS
Gain temperature coefficient
–0.02
%FS/
°C
POWER SUPPLY
IAVDD5
5-V analog supply current
300
330
mA
IAVDD3
3.3-V analog supply current
VIN = full scale, fIN = 10 MHz,
125
138
mA
fS = 500 MSPS
3.3-V digital supply current (includes
IDVDD3
82
88
mA
LVDS)
Total power dissipation
2.18
2.4
W
Power-up time
200
µs
Without 0.1-
µF board supply capacitors,
PSRR
Power-supply rejection ratio
85
dB
with 100-kHz supply noise
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com