Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5463IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 9Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 10Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 11Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 12Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 13Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 14Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
InputFrequency
Hz
-
3
0
-3
-6
-9
-12
-15
-18
-21
10M
100M
1G
5G
f =500MSPS
A
0.4V
=
S
IN
±
PP
Code
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
50
550
1050 1550 2050 2550 3050 3550 4050
fS = 500 MSPS
fIN = 10 MHz
G014
Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
50
550
1050 1550 2050 2550 3050 3550 4050
fS = 500 MSPS
fIN = 10 MHz
G015
Code Number
0
5
10
15
20
25
30
35
40
45
50
55
60
2050
2049
2048
2047
2046
G016
fS = 500 MSPS
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
NORMALIZED GAIN RESPONSE
vs
INPUT FREQUENCY
DIFFERENTIAL NONLINEARITY
Figure 14.
Figure 15.
INTEGRAL NONLINEARITY
NOISE HISTOGRAM WITH INPUTS SHORTED
Figure 16.
Figure 17.
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com