Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5463IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 21Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 22Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 23Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 24Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 25Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Clock Amplitude − VP−P
71
72
73
74
75
76
77
78
79
80
0
1
2
3
4
5
fS = 500 MSPS
fIN = 100 MHz
fIN = 300 MHz
G022
Clock Amplitude − VP−P
62.5
63.0
63.5
64.0
64.5
65.0
65.5
66.0
0
1
2
3
4
5
fIN = 100 MHz
fIN = 300 MHz
fS = 500 MSPS
G023
CLK
ADS5463
CLK
0.1
F
m
Clock
Source
S0194-02
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
Figure 40. SFDR versus Differential Clock Level
Figure 41. SNR versus Differential Clock Level
The characterization of the ADS5463 is typically performed with a 3-VPP differential clock, but the ADC performs
well with a differential clock amplitude down to ~0.5 VPP (250mV swing on both CLK and CLK), as shown in
Figure 40 and Figure 41. For jitter-sensitive applications, the use of a differential clock has some advantages at
the system level. The differential clock allows for common-mode noise rejection at the printed circuit board (PCB)
level. With a differential clock, the signal-to-noise ratio of the ADC is better for jitter-sensitive, high-frequency
applications because the board level clock jitter is superior.
Larger clock amplitude levels are recommended for high analog input frequencies or slow clock frequencies. At
high analog input frequencies, the sampling process is sensitive to jitter. At slow clock frequencies, a small
amplitude sinusoidal clock has a lower slew rate and can create jitter-related SNR degradation due to the
uncertainty in the sampling point associated with a slow slew rate. Figure 42 demonstrates a recommended
method for converting a single-ended clock source into a differential clock; it is similar to the configuration found
on the evaluation board and was used for much of the characterization. See also Clocking High Speed Data
Converters (SLYT075) for more details.
Figure 42. Differential Clock
The common-mode voltage of the clock inputs is set internally to 2.4 V using internal 1-k
Ω resistors (see
Figure 38). It is recommended to use ac coupling, but if this scheme is not possible, the ADS5474 features good
tolerance to clock common-mode variation, as shown in Figure 43 and Figure 44. The internal ADC core uses
both edges of the clock for the conversion process. Ideally, a 50% duty-cycle clock signal should be provided,
though even 40/60 is good enough for many applications. Performance degradation as a result of duty cycle can
be seen in Figure 45.
22
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com