Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5705PAP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAP Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5705PAP Datasheet HTML 32Page - Texas Instruments TAS5705PAP Datasheet HTML 33Page - Texas Instruments TAS5705PAP Datasheet HTML 34Page - Texas Instruments TAS5705PAP Datasheet HTML 35Page - Texas Instruments TAS5705PAP Datasheet HTML 36Page - Texas Instruments TAS5705PAP Datasheet HTML 37Page - Texas Instruments TAS5705PAP Datasheet HTML 38Page - Texas Instruments TAS5705PAP Datasheet HTML 39Page - Texas Instruments TAS5705PAP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
(
)
window
S
1
t
=
f ln 1
ae
-
(
)
a
S
1
t
=
f ln 1
aa
-
(
)
d
S
1
t
=
f ln 1
ad
-
RMSVoltage
Estimator
RMSVoltage
Estimator
RMSVoltage
Estimator
RMSVoltage
Estimator
AudioInput
CH1
AudioInput
CH2
AudioInput
CH3
AudioInput
CH4
32
32
32
32
Cut
Attack/DecayControl
DRC-Derived
GainCoefficient
Volume
K1
T1
{
O1
Compression/Offset
t
d
t
a
AudioIn
AudioOut
B0309-01
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
The threshold settings must be programmed as 32-bit (9.23 format) numbers.
Zero-valued and positive-valued threshold settings are not allowed, and cause unpredictable behavior if used.
• Offsets O1 and O2 define, in dB, the attenuation (cut) or gain (boost) applied by the DRC-derived gain
coefficient at the threshold points T1 and T2, respectively. Positive offsets are defined as cuts, and thus boost
or gain selections are negative numbers.
• Slopes k1 and k2 define the compression is to be performed within a given region, and the degree of
compression to be applied. Slopes are programmed as 26-bit (3.23 format) numbers.
DRC Implementation
Figure 4.13.1-1 shows the three elements comprising the DRC: (1) an RMS estimator, (2) a compression
coefficient computation engine, and (3) an attack/decay controller.
• RMS Estimator—This DRC element derives an estimate of the rms value of the audio data stream into the
DRC. For the DRC block shared by Ch1 though Ch4 , the individual channel estimates are computed. The
outputs of the estimators are then compared, sample-by-sample, and the largest-valued sample is forwarded
to the compression/expansion coefficient-computation engine. Two programmable parameters, ae and (1 –
ae), set the effective time window over which the RMS estimate is made. For the DRC block shared by Ch1
though Ch4, the programmable parameters apply to both RMS estimators. The time window over which the
RMS estimation is computed can be determined by
• Compression Coefficient Computation—This DRC element converts the output of the rms estimator to a
logarithmic number, determines the region where the input resides, and then computes and outputs the
appropriate coefficient to the attack/decay element. The programmable parameters, T1, T2, O1, O2, K1, and
K2, define the compression regions for both DRCs implemented by this element.
• Attack/Decay Control—This DRC element controls the transition time of changes in the coefficient computed
in the compression/expansion coefficient computation element. Four programmable parameters define the
operation of this element. Parameters ad and (1 – ad) set the decay or release time constant to be used for
signal amplitude boost (expansion). Parameters aa and (1 – aa) set the attack time constant to be used for
signal amplitude cuts. The transition-time constants can be determined by
Figure 43. DRC Block Diagram
36
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com