Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5705PAP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5705PAP Datasheet HTML 12Page - Texas Instruments TAS5705PAP Datasheet HTML 13Page - Texas Instruments TAS5705PAP Datasheet HTML 14Page - Texas Instruments TAS5705PAP Datasheet HTML 15Page - Texas Instruments TAS5705PAP Datasheet HTML 16Page - Texas Instruments TAS5705PAP Datasheet HTML 17Page - Texas Instruments TAS5705PAP Datasheet HTML 18Page - Texas Instruments TAS5705PAP Datasheet HTML 19Page - Texas Instruments TAS5705PAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
HEADPHONE SELECT (HPSEL)
t
d(VOL)
HP Volume
HPSEL
VALID
t
d(VOL)
SpkrVolume
t
(SW)
T0267-01
t
d(VOL)
SpkrVolume
HPSEL
VALID
t
d(VOL)
HP Volume
t
(SW)
T0268-01
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
PARAMETER
MIN
MAX
UNIT
tw(MUTE)
Pulse duration, HPSEL active
350
ns
td(VOL)
Soft volume update time
See (1)
ms
t(SW)
Switch-over time (controlled by start/stop period register, 0x1A)
0.2
ms
(1)
Defined by the volume slew rate setting (see the volume configuration register, 0x0E).
Figure 11 and Figure 12 show functionality when bit 4 in the HP configuration register is set to DISABLE (not in line-out mode). See
register 0x05 for details. If bit 4 is not set, than the HP PWM outputs are not disabled when HPSEL is brought low.
Figure 11. HPSEL Timing for Headphone Insertion
Figure 12. HPSEL Timing for Headphone Extraction
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com