Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5705PAP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5705PAP Datasheet HTML 13Page - Texas Instruments TAS5705PAP Datasheet HTML 14Page - Texas Instruments TAS5705PAP Datasheet HTML 15Page - Texas Instruments TAS5705PAP Datasheet HTML 16Page - Texas Instruments TAS5705PAP Datasheet HTML 17Page - Texas Instruments TAS5705PAP Datasheet HTML 18Page - Texas Instruments TAS5705PAP Datasheet HTML 19Page - Texas Instruments TAS5705PAP Datasheet HTML 20Page - Texas Instruments TAS5705PAP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
f − Frequency − Hz
20
PVDD = 18 V
RL = 8 Ω
100
1k
10k
20k
G003
P = 10 W
P = 1 W
P = 5 W
0.001
0.01
10
0.1
1
f − Frequency − Hz
20
PVDD = 12 V
RL = 8 Ω
100
1k
10k
20k
G002
P = 5 W
P = 2.5 W
0.001
0.01
10
0.1
1
P = 0.5 W
f − Frequency − Hz
20
PVDD = 8 V
RL = 8 Ω
100
1k
10k
20k
G001
P = 0.5 W
P = 1 W
0.001
0.01
10
0.1
1
P = 2.5 W
PO − Output Power − W
0.01
PVDD = 18 V
RL = 8 Ω
0.1
1
10
0.001
0.01
10
40
0.1
G006
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
FREQUENCY
OUTPUT POWER
Figure 15.
Figure 16.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com