Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8158 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8158 Datasheet HTML 9Page - Analog Devices AD8158 Datasheet HTML 10Page - Analog Devices AD8158 Datasheet HTML 11Page - Analog Devices AD8158 Datasheet HTML 12Page - Analog Devices AD8158 Datasheet HTML 13Page - Analog Devices AD8158 Datasheet HTML 14Page - Analog Devices AD8158 Datasheet HTML 15Page - Analog Devices AD8158 Datasheet HTML 16Page - Analog Devices AD8158 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD8158
Rev. 0 | Page 13 of 36
100
90
80
70
60
50
40
30
20
10
0
0.5
3.5
3.0
2.5
2.0
1.5
1.0
VOCM VOLTAGE (V)
(VCC = 1.8V)
DEFAULT OUTPUT SWING
(VCC = 1.8V)
200mV OUTPUT VOLTAGE
(VCC = 3.3V)
DEFAULT OUTPUT SWING
(VCC = 3.3V)
200mV OUTPUT VOLTAGE
Figure 23. Deterministic Jitter vs. Output VOCM
1
–5
–4
–3
–2
–1
0
–9
246
0
–3
–5
–7
JITTER (ps)
Figure 24. Random Jitter/Periodic Jitter Histogram
100
90
80
70
60
50
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 25. tR/tF vs. Temperature
1.0
0.9
0.8
0.7
0.5
0.6
0.4
1.4
1.9
2.4
2.9
3.4
CORE VOLTAGE (V)
Figure 26. Output Amplitude (Default Setting) vs. Core Voltage
1.0
0.9
0.8
0.7
0.5
0.6
0.4
01234
5
7
6
RATE (Gbps)
Figure 27. Output Amplitude vs. Rate
1000
950
900
850
800
750
700
650
600
550
500
1.6
2.1
2.6
3.1
3.6
CORE SUPPLY VOLTAGE (V)
Figure 28. Propagation Delay vs. Core Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com