Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8158 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8158 Datasheet HTML 17Page - Analog Devices AD8158 Datasheet HTML 18Page - Analog Devices AD8158 Datasheet HTML 19Page - Analog Devices AD8158 Datasheet HTML 20Page - Analog Devices AD8158 Datasheet HTML 21Page - Analog Devices AD8158 Datasheet HTML 22Page - Analog Devices AD8158 Datasheet HTML 23Page - Analog Devices AD8158 Datasheet HTML 24Page - Analog Devices AD8158 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD8158
Rev. 0 | Page 21 of 36
The LOS_INT pin evaluates a logical OR of all LOS status
register bits for all enabled receivers. (LOS status registers are
located at 0x45, 0x85, and 0xC5.) The upper four bits in the
RXA, RXB, and RXC LOS status registers are sticky while the
four LSBs are continuously updated to indicate the instantaneous
status of LOS for an enabled receiver. The sticky bits are cleared
by writing 0 to the RXA, RXB, and RXC LOS status registers.
The LOS_INT pin remains high after an LOS event until all
sticky registers are cleared and all active status registers (for
example, Bits [3:0]) read 0.
The LOS_INT pin can be used to generate an interrupt for the
system control software. In a standard implementation, when
LOS_INT goes high, the system software registers the interrupt
and polls the RXA, RXB, and RXC LOS status registers to
determine which input lost signal and if the signal has been
restored.
LANE INVERSION: P/N SWAP
The receiver P/N swap function is a convenience intended to
allow the user to implement the equivalent of a board-level
routing crossover in a much smaller area while eliminating vias
(impedance discontinuities) that compromise the high frequency
integrity of the signal path.
A Note of Caution
Using this feature to correct an inversion downstream of the
receiver may require the user to be aware of the sign of the data
when switching connectivity (the mux/demux path). The
feature is available on a per-lane setting through Register 0x44,
Register 0x84, and Register 0xC4. Setting the bit true flips the
sign sense of the P and N inputs for the associated lane. The
default setting is 0 (no inversion).
TRANSMITTERS
The AD8158 transmitter offers programmable pre-emphasis,
programmable output levels, output disable, and transmit
squelch. The SEL4G pin lets the user lower the transmitter
frequency of maximum boost from 3.25 GHz to 2.0 GHz,
allowing the AD8158 to offer exceptional transmit channel
compensation for legacy applications (4.5 Gbps and slower).
OUTPUT LEVEL PROGRAMMING AND OUTPUT
STRUCTURE
The output level of the transmitter of each lane is independently
programmable. In pin control mode, a default output amplitude
of 800 mV p-p diff (±400 mV diff) is delivered (see Table 17).
Register-based control allows the user to set the transmitter
output levels on a per-port or per-lane basis to four predefined
levels. Port-level programming overwrites lane-level configuration.
The ALEV, BLEV, and CLEV bits in Register 0x49, Register 0x89,
and Register 0xC9, respectively, are used to set the output levels
for all transmitters. The A[3:0]OLEV[1:0], B[3:0]OLEV[1:0],
and C[3:0]OLEV[1:0] bits in Register 0x4C, Register 0x8C, and
Register 0xCC allow per-lane settings (see Table 23).
Table 17. Predefined Output Levels
[A/B/C]OLEV1
[A/B/C]OLEV0
Output Level
0
0
±200 mV diff
0
1
±300 mV diff
1
0
±400 mV diff (default)
1
1
± 600 mV diff
Note that the choice of output level influences the output
common-mode level. A 600 mV diff output level with a full PE
range requires a supply and output termination voltage of 2.5 V
or higher (VTTO, VCC ≥ 2.5 V).
PRE-EMPHASIS
Transmitter pre-emphasis levels can be set by pin control or
through the control registers. Pin control allows two settings of
PE, 0 dB, and 6 dB. The control registers provide seven levels of
PE. Note that a larger range of boost settings is available for
lower output levels.
Pre-emphasis can be programmed per-port or per-lane.
Register 0x49, Register 0x89, and Register 0xC9 set all outputs
in a port at once. Registers 0x4A, 0x4B, 0x8A, 0x8B, 0xCA, and
0xCB allow setting PE on a per-lane basis.
Table 18. Lane Inversion Bits
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
0x44
PNA3
PNA2
PNA1
PNA0
P/N Swap A
0x84
PNB3
PNB2
PNB1
PNB0
P/N Swap B
0xC4
PNC3
PNC2
PNC1
PNC0
P/N Swap C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com