Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP121 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP121
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP121 Datasheet HTML 9Page - Analog Devices ADP121 Datasheet HTML 10Page - Analog Devices ADP121 Datasheet HTML 11Page - Analog Devices ADP121 Datasheet HTML 12Page - Analog Devices ADP121 Datasheet HTML 13Page - Analog Devices ADP121 Datasheet HTML 14Page - Analog Devices ADP121 Datasheet HTML 15Page - Analog Devices ADP121 Datasheet HTML 16Page - Analog Devices ADP121 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP121
Rev. 0 | Page 13 of 20
Equation 1 can be used to determine the worst-case capacitance
accounting for capacitor variation over temperature, compo-
nent tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, TEMPCO over −40°C to +85°C is assumed to
be 15% for an X5R dielectric. TOL is assumed to be 10%, and
CBIAS is 0.94 μF at 1.8 V from the graph in Figure 30.
Substituting these values in Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over
temperature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP121, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors are evaluated for each application.
UNDERVOLTAGE LOCKOUT
The ADP121 has an internal undervoltage lockout circuit that
disables all inputs and the output when the input voltage is less
than approximately 2.2 V. This ensures that the inputs of the
ADP121 and the output behave in a predictable manner during
power-up.
ENABLE FEATURE
The ADP121 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. Figure 31 shows a
rising voltage on EN crossing the active threshold, and then
VOUT turns on. When a falling voltage on EN crosses the
inactive threshold, VOUT turns off.
40ms/DIV
EN
VIN = 5V
VOUT = 1.8V
CIN = COUT = 1µF
ILOAD = 100mA
VOUT
Figure 31. ADP121 Typical EN Pin Operation
As shown in Figure 31, the EN pin has built in hysteresis. This
prevents on/off oscillations that may occur due to noise on the
EN pin as it passes through the threshold points.
The active/inactive thresholds of the EN pin are derived from
the VIN voltage. Therefore, these thresholds vary with changing
input voltage. Figure 32 shows typical EN active/inactive thresholds
when the input voltage varies from 2.3 V to 5.5 V.
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25 5.50
VIN (V)
EN ACTIVE
EN INACTIVE
Figure 32. Typical EN Pin Thresholds vs. Input Voltage
The ADP121 utilizes an internal soft start to limit the inrush
current when the output is enabled. The start-up time for the
1.8 V option is approximately 120 μs from the time the EN
active threshold is crossed to when the output reaches 90% of its
final value. The start-up time is somewhat dependant on the
output voltage setting and increases slightly as the output
voltage increases.
6
5
4
3
2
1
0
0
20
40
60
80
100
120
140
160
180
200
(µs)
1.2V
1.8V
3.3V
EN
Figure 33. Typical Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com