Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP121 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP121
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP121 Datasheet HTML 12Page - Analog Devices ADP121 Datasheet HTML 13Page - Analog Devices ADP121 Datasheet HTML 14Page - Analog Devices ADP121 Datasheet HTML 15Page - Analog Devices ADP121 Datasheet HTML 16Page - Analog Devices ADP121 Datasheet HTML 17Page - Analog Devices ADP121 Datasheet HTML 18Page - Analog Devices ADP121 Datasheet HTML 19Page - Analog Devices ADP121 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADP121
Rev. 0 | Page 19 of 20
ORDERING GUIDE
Model
Temperature
Range
Output
Voltage (V)
Package Description
Package
Option
Branding
ADP121-AUJZ28R71
−40°C to +125°C
2.8
5-Lead TSOT
UJ-5
LA3
ADP121-AUJZ30R71
−40°C to +125°C
3.0
5-Lead TSOT
UJ-5
LA4
ADP121-AUJZ33R71
−40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LA5
ADP121-ACBZ12R71
−40°C to +125°C
1.2
4-Ball WLCSP
CB-4-2
LC0
ADP121-ACBZ15R71
−40°C to +125°C
1.5
4-Ball WLCSP
CB-4-2
LC1
ADP121-ACBZ155R71
−40°C to +125°C
1.55
4-Ball WLCSP
CB-4-2
LC2
ADP121-ACBZ16R71
−40°C to +125°C
1.6
4-Ball WLCSP
CB-4-2
LC3
ADP121-ACBZ165R71
−40°C to +125°C
1.65
4-Ball WLCSP
CB-4-2
LC4
ADP121-ACBZ17R71
−40°C to +125°C
1.7
4-Ball WLCSP
CB-4-2
LC5
ADP121-ACBZ175R71
−40°C to +125°C
1.75
4-Ball WLCSP
CB-4-2
LC6
ADP121-ACBZ18R71
−40°C to +125°C
1.8
4-Ball WLCSP
CB-4-2
LC7
ADP121-ACBZ188R71
−40°C to +125°C
1.875
4-Ball WLCSP
CB-4-2
LC8
ADP121-ACBZ20R71
−40°C to +125°C
2.0
4-Ball WLCSP
CB-4-2
LC9
ADP121-ACBZ25R71
−40°C to +125°C
2.5
4-Ball WLCSP
CB-4-2
LCA
ADP121-ACBZ278R71
−40°C to +125°C
2.775
4-Ball WLCSP
CB-4-2
LCC
ADP121-ACBZ28R71
−40°C to +125°C
2.8
4-Ball WLCSP
CB-4-2
LCD
ADP121-ACBZ29R71
−40°C to +125°C
2.9
4-Ball WLCSP
CB-4-2
LCE
ADP121-ACBZ30R71
−40°C to +125°C
3.0
4-Ball WLCSP
CB-4-2
LCF
ADP121-ACBZ33R71
−40°C to +125°C
3.3
4-Ball WLCSP
CB-4-2
LCG
ADP121-3.3-EVALZ1
−40°C to +125°C
3.3
ADP121 3.3 V Output Evaluation Board
ADP121-3.0-EVALZ1
−40°C to +125°C
3.0
ADP121 3.0 V Output Evaluation Board
ADP121-2.8-EVALZ1
−40°C to +125°C
2.8
ADP121 2.8 V Output Evaluation Board
ADP121CB-3.3-EVALZ1
−40°C to +125°C
3.3
ADP121-1 3.3 V Output Evaluation Board
ADP121CB-3.0-EVALZ1
−40°C to +125°C
3.0
ADP121-1 3.0 V Output Evaluation Board
ADP121CB-2.8-EVALZ1
−40°C to +125°C
2.8
ADP121-1 2.8 V Output Evaluation Board
ADP121CB-2.0-EVALZ1
−40°C to +125°C
2.0
ADP121-1 2.0 V Output Evaluation Board
ADP121CB-1.8-EVALZ1
−40°C to +125°C
1.8
ADP121-1 1.8 V Output Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com