Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130AUJZ-2.5-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP130AUJZ-2.5-R7
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130AUJZ-2.5-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP130AUJZ-2.5-R7 Datasheet HTML 1Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 2Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP130
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VIN = VOUT + 0.4 V, VBIAS = 5 V, IOUT = 10 mA, CIN = 1 μF, COUT = 1 μF, CBIAS = 1 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
1.2
3.6
V
BIAS VOLTAGE RANGE
VBIAS
TJ = −40°C to +125°C
2.3
5.5
V
OPERATING SUPPLY CURRENT
IVIN1
IOUT = 0 μA
25
μA
IOUT = 0 μA, TJ = −40°C to +125°C
44
μA
IOUT = 1 mA
40
μA
IOUT = 1 mA, TJ = −40°C to +125°C
58
μA
IOUT = 100 mA
100
μA
IOUT = 100 mA, TJ = −40°C to +125°C
130
μA
IOUT = 350 mA
160
μA
IOUT = 350 mA, TJ = −40°C to +125°C
220
μA
BIAS OPERATING CURRENT
IBIAS
16
μA
TJ = −40°C to +125°C
28
μA
SHUTDOWN CURRENT
ISD-VIN
EN = GND
0.1
μA
EN = GND, TJ = −40°C to +85°C
1.0
μA
EN = GND, TJ = +85°C to +125°C
20
μA
ISD-VBIAS
EN = GND
0.1
μA
EN = GND, TJ = −40°C to +125°C
1.0
μA
FIXED OUTPUT VOLTAGE ACCURACY
VOUT
IOUT = 10 mA
−1
+1
%
1 mA < IOUT < 350 mA, VIN = (VOUT + 0.4 V) to 3.6 V
−2
+2
%
1 mA < IOUT < 350 mA, VIN = (VOUT + 0.4 V) to 3.6 V,
TJ = −40°C to +125°C
−3
+3
%
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.4 V) to 3.6 V, TJ = –40°C to +125°C
−0.10
+0.10
%/ V
LOAD REGULATION2
∆VOUT/∆IOUT
IOUT = 10 mA to 350 mA
0.001
%/A
IOUT = 10 mA to 350 mA, TJ = −40°C to +125°C
0.005
%/A
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 10 mA, VBIAS = 2.3 V, VOUT = 3 V
2
mV
IOUT = 10 mA, VBIAS = 2.3 V, VOUT = 3 V,
TJ = −40°C to +125°C
3.5
mV
IOUT = 100 mA, VBIAS = 2.3 V, VOUT = 3 V
17
mV
IOUT = 100 mA, VBIAS = 2.3 V, VOUT = 3 V,
TJ = −40°C to +125°C
28
mV
IOUT = 350 mA, VBIAS = 2.3 V, VOUT = 3 V
70
mV
IOUT = 350 mA, VBIAS = 2.3 V, VOUT = 3 V,
TJ = −40°C to +125°C
100
mV
START-UP TIME4
TSTART-UP
VOUT = 1.2 V
200
μs
CURRENT LIMIT THRESHOLD5
ILIMIT
400
550
1000
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.3 V ≤ VBIAS ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.3 V ≤ VBIAS ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN = BIAS or GND
0.1
μA
EN = BIAS or GND, TJ = −40°C to +125°C
1
μA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLORISE
TJ = −40°C to +125°C
2.1
V
Input Voltage Falling
UVLOFALL
TJ = −40°C to +125°C
1.5
V
Hysteresis
UVLOHYS
180
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com