Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130AUJZ-2.5-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP130AUJZ-2.5-R7
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130AUJZ-2.5-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP130AUJZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 11Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP130
Rev. 0 | Page 11 of 20
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
ILOAD (mA)
0.8V
1.2V
1.5V
1.8V
2.5V
3.0V
Figure 28. Output Noise vs. Load Current and Output Voltage
CH1 200mA
CH2 50mV
M40µs
A CH1
92mA
2
1
T 10.40%
1mA TO 350mA LOAD STEP
2.5A/µs
200mA/DIV
ILOAD
VOUT
50mV/DIV
Figure 29. Load Transient Response
CH1 500mV
CH2 2mV
M40µs
A CH1
3.35V
2
1
1
T 10.20%
3V TO 3.5V INPUT VOLTAGE STEP
2V/µs
500mV/DIV
VBIAS
VIN = 3.6V
VOUT
2mV/DIV
Figure 30. VBIAS Line Transient Response, VIN = 3.6 V, IOUT = 350 mA
CH1 500mV
CH2 5mV
M20µs
A CH1
3.37V
2
1
T 10.20%
3V TO 3.5V INPUT VOLTAGE STEP
2V/µs
VIN
VOUT
5mV/DIV
Figure 31. VIN Line Transient Response, VBIAS = 5 V, IOUT = 1 mA
CH1 500mV
CH2 5mV
M20µs
A CH1
3.27V
2
1
T 10.20%
3V TO 3.5V INPUT VOLTAGE STEP
2V/µs
VIN
VOUT
5mV/DIV
Figure 32. VIN Line Transient Response, VBIAS = 5 V, IOUT = 350 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com