Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130AUJZ-2.5-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP130AUJZ-2.5-R7
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130AUJZ-2.5-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP130AUJZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADP130AUJZ-2.5-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP130
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VBIAS = 5 V, VIN = 2.2 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = CBIAS = 1 μF, TA = 25°C, unless otherwise noted.
JUNCTION TEMPERATURE (°C)
–40
–5
+25
+85
+125
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 1mA
1.775
1.780
1.785
1.790
1.795
1.800
1.805
LOAD = 200mA
LOAD = 350mA
Figure 4. Output Voltage vs. Junction Temperature
ILOAD (mA)
1
10
100
1000
1.795
1.797
1.799
1.801
1.803
1.805
Figure 5. Output Voltage vs. Load Current
VIN (V)
1.795
1.796
1.797
1.798
1.799
1.800
1.801
1.802
1.803
1.804
1.805
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
LOAD = 350mA
Figure 6. Output Voltage vs. Input Voltage
–40
–5
+25
+85
+125
JUNCTION TEMPERATURE (°C)
0
200
20
40
60
80
100
120
140
160
180
LOAD = 100mA
LOAD = 200mA
LOAD = 350mA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
Figure 7. IVIN Current vs. Junction Temperature
–40
–5
+25
+85
+125
JUNCTION TEMPERATURE (°C)
0
5
10
15
20
25
30
LOAD = 350mA
LOAD = 200mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 1mA
Figure 8. Bias Current vs. Junction Temperature
ILOAD (mA)
1
10
100
1000
0
20
40
60
80
100
120
140
160
180
Figure 9. IVIN Current vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com