Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS331 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AS331 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331
Data Sheet
5
Aug. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Case Temperature
Figure 7. Saturation Voltage vs. Case Temperature
Figure 6. Input Offset Voltage vs. Case Temperature
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Supply Voltage (V)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
-40
-20
0
20
406080
100
120
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Case Temperature (
oC)
V
CC
=5V
V
CC
=30V
-40
-20
0
20406080
100
120
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Case Temperature (
oC)
R
L
=5.1K
V
CC
=5V
V
CC
=30V
-40
-20
0
20406080
100
120
100
150
200
250
300
350
Case Temperature (
oC)
V
CC
=5V
I
SINK
=4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com