Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS331 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS331 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331
Data Sheet
1
Aug. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
General Description
The AS331 consists of a single precision voltage com-
parator with a typical input offset voltage of 1.0mV
and high voltage gain. It is specifically designed to
operate from a single power supply over wide range of
voltages. Operation from split power supply is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
The AS331 is available in standard SOT-23-5 package.
Features
·
Wide Supply Voltage Range
- Single Supply: 2V to 36V
- Dual Supplies:
±1V to ±18V
·
Low Supply Current at VCC=5V: 0.4mA
·
Low Input Bias Current: 25nA (Typical)
·
Low Input Offset Current:5nA (Typical)
·
Low Input Offset Voltage: 1mV (Typical)
·
Input Common Mode Voltage Range Includes
Ground
·
Differential Input Voltage Range Equals to the
Power Supply Voltage
·
Low Output Saturation Voltage at 4mA: 200mV
(Typical)
·
Open Collector Output
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
·
DC-DC Module
·
PC Motherboard
·
Communication Equipment
Figure 1. Package Type of AS331
SOT-23-5


Similar Part No. - AS331

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
logo
JSC ALFA.
AS3310 ALFA-AS3310 Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
AS3310D ALFA-AS3310D Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
logo
BCD Semiconductor Manuf...
AS331KTR-E1 BCDSEMI-AS331KTR-E1 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
More results

Similar Description - AS331

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
Integrated Circuit Low Power Low Offset Voltage Comparator
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
New Japan Radio
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Unisonic Technologies
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
Low-power single voltage comparator
02-Mar-2012
logo
Texas Instruments
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
Low power single voltage comparator
Ver.00
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com