Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS331 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AS331 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331
Data Sheet
10
Aug. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Application
Figure 21. Basic Comparator
Figure 22. Driving CMOS
V
IN+
V
REF+
AS331
V
CC
3K
Ω
V
OUT
+
-
100K
Ω
5V
+
-
AS331
V
IN+
V
REF+
V
OUT
Figure 23. One Shot Multivibrator
Figure 24. Squarewave Oscillator
1M
Ω
V
CC
V
OUT
10K
Ω
-
+
V
IN+
100pF
0.001
µF
AS331
1M
Ω
1M
Ω
100K
Ω
75pF
100K
Ω
V
CC
4.3K
Ω
V
OUT
100K
Ω
100K
Ω
-
+
V
IN
AS331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com