Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 160 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 156Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 157Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 158Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 159Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 160Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 161Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 162Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 163Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 183 page
background image
160
AT89C51CC03
4182B–CAN–09/03
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters for Standard Voltage
TA = -40
°C to +85°C; V
SS = 0V; VCC = 3V to 5.5V; F = 0 to 40 MHz
Ambiant Temperature Under Bias:
I = industrial ....................................................... -40
°C to 85°C
Storage Temperature .................................... -65
°C to + 150°C
Voltage on V
CC from VSS ......................................-0.5V to + 6V
Voltage on Any Pin from V
SS..................... -0.5V to VCC + 0.2V
Power Dissipation .............................................................. 1 W
Table 115. DC Parameters in Standard Voltage
Symbol Parameter
Min
Typ(5)
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2Vcc -
0.1
V
V
IH
Input High Voltage except XTAL1,
RST
0.2 VCC +
0.9
V
CC + 0.5
V
V
IH1
Input High Voltage, XTAL1, RST
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3
and 4
(6)
0.3
0.45
1.0
V
V
V
I
OL = 100 µA
(4)
I
OL = 1.6 mA
(4)
I
OL = 3.5 mA
(4)
V
OL1
Output Low Voltage, port 0, ALE,
PSEN
(6)
0.3
0.45
1.0
V
V
V
I
OL = 200 µA
(4)
I
OL = 3.2 mA
(4)
I
OL = 7.0 mA
(4)
V
OH
Output High Voltage, ports 1, 2, 3,
and 4
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
I
OH = -10 µA
I
OH = -30 µA
I
OH = -60 µA
V
CC = 3V to 5.5V
V
OH1
Output High Voltage, port 0, ALE,
PSEN
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
I
OH = -200 µA
I
OH = -3.2 mA
I
OH = -7.0 mA
V
CC = 5V ± 10%
R
RST
RST Pulldown Resistor
20
40
200
k
Ω
IIL
Logical 0 Input Current ports 1, 2,
3 and 4
-50
µA Vin = 0.45V
I
LI
Input Leakage Current
±10
µA 0.45V < Vin < V
CC
I
TL
Logical 1 to 0 Transition Current,
ports 1, 2, 3 and 4
-650
µAVin = 2.0V
C
IO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
I
PD
Power-down Current
TBD
TBD
µA3V < V
CC < 5.5V
(3)
Note:
Stresses at or above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions may affect
device reliability.
The power dissipation is based on the maximum allowable
die temperature and the thermal resistance of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com