Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 162 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 158Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 159Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 160Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 161Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 162Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 163Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 164Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 165Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 183 page
background image
162
AT89C51CC03
4182B–CAN–09/03
Figure 75. I
CC Test Condition, Idle Mode
Figure 76. I
CC Test Condition, Power-Down Mode
Figure 77. Clock Signal Waveform for I
CC Tests in Active and Idle Modes
DC Parameters for A/D
Converter
Table 116. DC Parameters for AD Converter in Precision Conversion
Note:
1. Typicals are based on a limited number of samples and are not guaranteed.
RST
EA
XTAL2
XTAL1
V
SS
V
CC
V
CC
ICC
(NC)
P0
VCC
All other pins are disconnected.
CLOCK
SIGNAL
RST
EA
XTAL2
XTAL1
V
SS
V
CC
V
CC
ICC
(NC)
P0
VCC
All other pins are disconnected.
V
CC-0.5V
0.45V
0.7V
CC
0.2VCC-0.1
TCLCH
TCHCL
T
CLCH = TCHCL = 5ns.
Symbol Parameter
Min
Typ
(1)
Max
Unit
Test Conditions
AVin
Analog input voltage
Vss- 0.2
Vref + 0.2
V
Rref
Resistance between Vref and Vss
12
16
24
k
Ω
Vref
Reference voltage
2.40
3.00
V
Cai
Analog input Capacitance
60
pF
During sampling
Rai
Analog input Resistor
400
Ω During sampling
INL
Integral non linearity
1
2
lsb
DNL
Differential non linearity
0.5
1
lsb
OE
Offset error
-2
2
lsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com