Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89S53_00 Datasheet HTML 10Page - ATMEL Corporation AT89S53_00 Datasheet HTML 11Page - ATMEL Corporation AT89S53_00 Datasheet HTML 12Page - ATMEL Corporation AT89S53_00 Datasheet HTML 13Page - ATMEL Corporation AT89S53_00 Datasheet HTML 14Page - ATMEL Corporation AT89S53_00 Datasheet HTML 15Page - ATMEL Corporation AT89S53_00 Datasheet HTML 16Page - ATMEL Corporation AT89S53_00 Datasheet HTML 17Page - ATMEL Corporation AT89S53_00 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AT89S53
14
Figure 5. Timer 2 in Clock-Out Mode
Figure 6. SPI Block Diagram
OSCILLATOR
8/16-BIT SHIFT REGISTER
READ DATA BUFFER
SPI CONTROL
SPI STATUS REGISTER
SPI INTERRUPT
REQUEST
INTERNAL
DATA BUS
SELECT
SPI CLOCK (MASTER)
DIVIDER
÷4÷16÷64÷128
SPI CONTROL REGISTER
8
8
8
MSTR
CLOCK
LOGIC
CLOCK
MSB
S
M
LSB
S
M
M
S
MISO
P1.6
MOSI
P1.5
SCK
1.7
SS
P1.4
SPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com