Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89S53_00 Datasheet HTML 11Page - ATMEL Corporation AT89S53_00 Datasheet HTML 12Page - ATMEL Corporation AT89S53_00 Datasheet HTML 13Page - ATMEL Corporation AT89S53_00 Datasheet HTML 14Page - ATMEL Corporation AT89S53_00 Datasheet HTML 15Page - ATMEL Corporation AT89S53_00 Datasheet HTML 16Page - ATMEL Corporation AT89S53_00 Datasheet HTML 17Page - ATMEL Corporation AT89S53_00 Datasheet HTML 18Page - ATMEL Corporation AT89S53_00 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AT89S53
15
UART
The UART in the AT89S53 operates the same way as the
UART in the AT89C51, AT89C52 and AT89C55. For fur-
ther information, see the October 1995 Microcontroller
Data Book, page 2-49, section titled, “Serial Interface.”
Serial Peripheral Interface
The serial peripheral interface (SPI) allows high-speed syn-
chron ous dat a transfe r be twe en th e AT89 S53 an d
peripheral devices or between several AT89S53 devices.
The AT89S53 SPI features include the following:
• Full-duplex, 3-wire Synchronous Data Transfer
• Master or Slave Operation
• 1.5 MHz Bit Frequency (max.)
• LSB First or MSB First Data Transfer
• Four Programmable Bit Rates
• End of Transmission Interrupt Flag
• Write Collision Flag Protection
• Wakeup from Idle Mode (Slave Mode Only)
The interconnection between master and slave CPUs with
SPI is shown in the following figure. The SCK pin is the
clock output in the master mode but is the clock input in the
slave mode. Writing to the SPI data register of the master
CPU starts the SPI clock generator, and the data written
shifts out of the MOSI pin and into the MOSI pin of the
slave CPU. After shifting one byte, the SPI clock generator
stops, setting the end of transmission flag (SPIF). If both
the SPI interrupt enable bit (SPIE) and the serial port inter-
rupt enable bit (ES) are set, an interrupt is requested.
The Slave Select input, SS/P1.4, is set low to select an
individual SPI device as a slave. When SS/P1.4 is set high,
the SPI port is deactivated and the MOSI/P1.5 pin can be
used as an input.
There are four combinations of SCK phase and polarity
with respect to serial data, which are determined by control
bits CPHA and CPOL. The SPI data transfer formats are
shown in Figure 8 and Figure 9.
Figure 7. SPI Master-slave Interconnection
Figure 8. SPI transfer Format with CPHA = 0
*Not defined but normally MSB of character just received
8-BIT SHIFT REGISTER
MASTER
CLOCK GENERATOR
SPI
MISO
8-BIT SHIFT REGISTER
SLAVE
MISO
MOSI MOSI
SCK
SCK
SS
SS
V
CC
MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com