Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89S53_00 Datasheet HTML 25Page - ATMEL Corporation AT89S53_00 Datasheet HTML 26Page - ATMEL Corporation AT89S53_00 Datasheet HTML 27Page - ATMEL Corporation AT89S53_00 Datasheet HTML 28Page - ATMEL Corporation AT89S53_00 Datasheet HTML 29Page - ATMEL Corporation AT89S53_00 Datasheet HTML 30Page - ATMEL Corporation AT89S53_00 Datasheet HTML 31Page - ATMEL Corporation AT89S53_00 Datasheet HTML 32Page - ATMEL Corporation AT89S53_00 Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AT89S53
29
.
Shift Register Mode Timing Waveforms
AC Testing Input/Output Waveforms(1)
Notes:
1. AC Inputs during testing are driven at V
CC - 0.5V
for a logic 1 and 0.45V for a logic 0. Timing measure-
ments are made at V
IH min. for a logic 1 and VIL max.
for a logic 0.
Float Waveforms(1)
Notes:
1. For timing purposes, a port pin is no longer floating
when a 100 mV change from load voltage occurs. A
port pin begins to float when a 100 mV change from
the loaded V
OH/VOL level occurs.
Serial Port Timing: Shift Register Mode Test Conditions
The values in this table are valid for V
CC = 4.0V to 6V and Load Capacitance = 80 pF
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
t
XLXL
Serial Port Clock Cycle Time
1.0
12t
CLCL
µs
t
QVXH
Output Data Setup to Clock Rising
Edge
700
10t
CLCL - 133
ns
t
XHQX
Output Data Hold after Clock Rising
Edge
50
2t
CLCL - 117
ns
tXHDX
Input Data Hold after Clock Rising
Edge
00
ns
t
XHDV
Clock Rising Edge to Input Data
Valid
700
10t
CLCL - 133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com