Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7569F16EB Datasheet(PDF) 32 Page - Analog Devices

Part # EVAL-ADE7569F16EB
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7569F16EB Datasheet(HTML) 32 Page - Analog Devices

Back Button EVAL-ADE7569F16EB Datasheet HTML 28Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 29Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 30Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 31Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 32Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 33Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 34Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 35Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 32 of 136
3.3 V PERIPHERALS AND WAKE-UP EVENTS
Some of the 3.3 V peripherals are capable of waking the ADE7566/ADE7569 from PSM2. The events that can cause the ADE7566/ADE7569
to wake up from PSM2 are listed in the wake-up events column in Table 26.
Table 26. 3.3 V Peripherals and Wake-up Events
3.3 V
Peripheral
Wake-Up
Event
Wake-Up
Enable Bits
Flag
Interrupt
Vector
Comments
Temperature
ADC
∆T
Maskable
–
ITADC
The temperature ADC can wake-up the 8052 if the ITADC flag is set.
This flag is set according to the description in the Temperature
Measurement section. This wake-up event can be disabled by
disabling temperature measurements in the Temperature and
Supply Delta SFR (DIFFPROG, 0xF3) in PSM2.
VSW ADC
ΔV
Maskable
VSWF
IPSM
The VSW measurement can wake up the 8052. The VSWF is set
according to the description in the External Voltage Measurement
section. This wake-up event can be disabled by clearing the EVSW in
the Power Management Interrupt Enable SFR (IPSME, 0xEC).
Power Supply
Management
PSR
Nonmaskable
PSR
IPSM
The 8052 wakes up if the power supply is restored (if VSW switches to
be connected to VDD). The VSWSOURCE flag, Bit 6 of the Peripheral
Configuration SFR (PERIPH, 0xF4) SFR, is set to indicate that VSW is
connected to VDD..
Midnight
Nonmaskable
Midnight
IRTC
The ADE7566/ADE7569 wakes up at midnight every day to update
its calendar.
RTC
Alarm
Maskable
Alarm
IRTC
Set an alarm to wake the ADE7566/ADE7569 after the desired
amount of time. The RTC alarm is enabled by setting the ALARM bit
in the RTC Configuration SFR (TIMECON, 0xA1).
All I/O pins are treated as inputs. The weak pull-up on each I/O pin can be disabled individually in the Port 0 Weak Pull-Up Enable
SFR (PINMAP0, 0xB2), Port 1 Weak Pull-Up Enable SFR (PINMAP1, 0xB3), and Port 2 Weak Pull-Up Enable SFR (PINMAP2, 0xB4) to
decrease current consumption. The interrupts can be enabled/disabled.
INT0
INT0PRG = 1
–
IE0
The edge of the interrupt is selected by Bit IT0 in the TCON register.
The IE0 flag bit in the TCON register is not affected.
INT1
INT1PRG[2:0] =
11x
–
IE1
The edge of the interrupt is selected by Bit IT1 in the TCON register.
The IE1 flag bit in the TCON register is not affected.
I/O Ports
Rx Edge
RXPROG[1:0] =
11
PERIPH.7
(RXFG)
–
An Rx edge event occurs if a rising or falling edge is detected on the
Rx line.
External Reset
RESET
Nonmaskable
–
–
If the RESET pin is brought low while the ADE7566/ADE7569 is in
PSM2, it wakes up to PSM1.
LCD
–
–
–
–
The LCD can be enabled/disabled in PSM2. The LCD data memory
remains intact.
Scratch Pad
–
–
–
–
The 4 SCRATCHx registers remain intact in PSM2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com