Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7569F16EB Datasheet(PDF) 62 Page - Analog Devices

Part # EVAL-ADE7569F16EB
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7569F16EB Datasheet(HTML) 62 Page - Analog Devices

Back Button EVAL-ADE7569F16EB Datasheet HTML 58Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 59Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 60Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 61Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 62Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 63Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 64Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 65Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 62 of 136
Apparent Energy Pulse Output
All the ADE7566/ADE7569 circuitry has a pulse output whose
frequency is proportional to apparent power (see the Energy-to-
Frequency Conversion section). This pulse frequency output
uses the calibrated signal after VAGAIN. This output can also
be used to output a pulse whose frequency is proportional to Irms.
The pulse output is active low and should preferably be connected
to an LED as shown in Figure 66.
Line Apparent Energy Accumulation
The ADE7566/ADE7569 are designed with a special apparent
energy accumulation mode that simplifies the calibration process.
By using the on-chip, zero-crossing detection, the
ADE7566/ADE7569 accumulate the apparent power signal in
the LVAHR register for an integral number of half cycles, as shown
in Figure 64. The line apparent energy accumulation mode is
always active.
The number of half-line cycles is specified in the LINCYC
register, which is an unsigned 16-bit register. The ADE7566/
ADE7569 can accumulate apparent power for up to 65,535
combined half cycles. Because the apparent power is integrated
on the same integral number of line cycles as the line active
register and reactive energy register, these values can easily be
compared. The energies are calculated more accurately because
of this precise timing control and provide all the information
needed for reactive power and power factor calculation.
At the end of an energy calibration cycle, the CYCEND flag in
the Interrupt Status Register 3 SFR (MIRQSTH, 0xDE) is set. If
the CYCEND enable bit in the Interrupt Enable Register 3 SFR
(MIRQENH, 0xDB) is enabled, the 8052 core has a pending
ADE interrupt.
As for LWATTHR, when a new half-line cycles is written
in LINCYC register, the LVAHR register is reset and a new
accumulation start at the next zero-crossing. The number of
half-line cycles is then counted until LINCYC is reached.
This implementation provides a valid measurement at the first
CYCEND interrupt after writing to the LINCYC register. The
line apparent energy accumulation uses the same signal path as
the apparent energy accumulation. The LSB size of these two
registers is equivalent.
Apparent Power No-Load Detection
The ADE7566/ADE7569 include a no-load threshold feature on
the apparent power that eliminates any creep effects in the meter.
The ADE7566/ADE7569 accomplish this by not accumulating
energy if the multiplier output is below the no-load threshold.
When the apparent power is below the no-load threshold, the
VANOLOAD flag in the Interrupt Status Register 1 SFR
(MIRQSTL, 0xDC) is set. If the VANOLOAD bit is set in the
Interrupt Enable Register 1 SFR (MIRQENL, 0xD9), the 8052
core has a pending ADE interrupt. The ADE interrupt stays
active until the APNOLOAD status bit is cleared (see the
Energy Measurement Interrupts section).
The no-load threshold level is selectable by setting the
VANOLOAD bits in the NLMODE Register (0x0E). Setting
these bits to 0b00 disables the no-load detection and setting
them to 0b01, 0b10, or 0b11 set the no-load detection threshold
to 0.030%, 0.015%, and 0.0075% of the full-scale output
frequency of the multiplier, respectively.
This no-load threshold can also be applied to the Irms pulse
output when selected. In this case, the level of no-load threshold
is the same as for the apparent energy.
AMPERE-HOUR ACCUMULATION
In case of a tampering situation where no voltage is available to
the energy meter, the ADE7566/ADE7569 is capable of accumu-
lating the ampere-hour instead of apparent power into the VAHR,
RVAHR, and LVAHR registers. When Bit 3 (VARMSCFCON) of
the MODE2 Register (0x0C) is set, the VAHR, RVAHR, LVAHR,
and the input for the digital-to-frequency converter accumulate
Irms instead of apparent power. All the signal processing and
calibration registers available for apparent power and energy
accumulation remain the same when ampere-hour accumulation is
selected. However, the scaling of Irms and apparent power
require different values for gain calibration in the VAGAIN,
VADIV, CFxNUM and CFxDEN registers.
LPF1
+
+
LVAHR [23:0]
LVAHR REGISTER IS
UPDATED EVERY LINCYC
ZERO CROSSING WITH THE
TOTAL APPARENT ENERGY
DURING THAT DURATION
FROM
VOLTAGE CHANNEL
ADC
23
0
LINCYC [15:0]
48
0
%
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
VADIV[7:0]
APPARENT POWER
or Irms
Figure 64. Line Cycle Apparent Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com