Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7569F16EB Datasheet(PDF) 23 Page - Analog Devices

Part # EVAL-ADE7569F16EB
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7569F16EB Datasheet(HTML) 23 Page - Analog Devices

Back Button EVAL-ADE7569F16EB Datasheet HTML 19Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 20Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 21Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 22Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 23Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 24Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 25Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 26Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 23 of 136
POWER MANAGEMENT
The ADE7566/ADE7569 have an elaborate power management circuitry that manages the regular power supply to battery switchover and
power supply failures. The power management functionalities can be accessed directly through the 8052 SFRs (see Table 13).
Table 13. Power Management SFRs
SFR Address
R/W
Mnemonic
Description
0xEC
R/W
IPSME
Power Management Interrupt Enable. See Table 18.
0xF5
R/W
BATPR
Battery Switchover Configuration. See Table 16.
0xF8
R/W
IPSMF
Power Management Interrupt Flag. See Table 15.
0xFF
R/W
INTPR
Interrupt Wake-Up Configuration. See Table 14.
0xF4
R/W
PERIPH
Peripheral Configuration SFR. See Table 17.
0xC5
R/W
POWCON
Power Control. See Table 23.
0xFB
R/W
SCRATCH1
Scratch Pad 1. See Table 19.
0xFC
R/W
SCRATCH2
Scratch Pad 2. See Table 20.
0xFD
R/W
SCRATCH3
Scratch Pad 3. See Table 21.
0xFE
R/W
SCRATCH4
Scratch Pad 4. See Table 22.
POWER MANAGEMENT REGISTER DETAILS
Table 14. Interrupt Pins Configuration SFR (INTPR, 0xFF)
Bit No.
Mnemonic
Default
Description
7
RTCCAL
0
Controls RTC calibration output. When set, the RTC calibration frequency selected by FSEL[1:0] is
output on the P0.2/CF1/RTCCAL pin.
Sets RTC calibration output frequency and calibration window.
FSEL[1:0]
Result (Calibration window, frequency)
00
30.5 sec, 1 Hz
01
30.5 sec, 512 Hz
10
0.244 sec, 500 Hz
6 to 5
FSEL[1:0]
00
11
0.244 sec, 16.384 kHz
4
Reserved
Controls the function of INT1.
INT1PRG[2:0]
Result
X00
GPIO enabled
X01
BCTRL enabled
01X
INT1 input disabled
3 to 1
INT1PRG[2:0]
000
11X
INT1 input enabled
Controls the function of INT0.
INT0PRG
Result
0
INT0 input disabled
0
INT0PRG
0
1
INT0 input enabled
Writing to the Interrupt Pins Configuration SFR (INTPR, 0xFF)
To protect the RTC from runaway code, a key must be written to the Key SFR (KYREG, 0xC1) to obtain write access to the Interrupt Pins
Configuration SFR (INTPR, 0xFF). KYREG should be set to 0xEA to unlock this SFR and reset to zero after a timekeeping register is
written to. The RTC registers can be written using the following 8052 assembly code:
MOV
KYREG, #0EAh
MOV
INTPR, #080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com