Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7569F16EB Datasheet(PDF) 119 Page - Analog Devices

Part # EVAL-ADE7569F16EB
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7569F16EB Datasheet(HTML) 119 Page - Analog Devices

Back Button EVAL-ADE7569F16EB Datasheet HTML 115Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 116Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 117Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 118Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 119Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 120Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 121Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 122Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 119 of 136
SERIAL PERIPHERAL INTERFACE (SPI)
The ADE7566/ADE7569 integrate a complete hardware serial
peripheral interface on-chip. The SPI is full duplex so that 8 bits
of data are synchronously transmitted and simultaneously
received. This SPI implementation is double buffered, allowing
users to read the last byte of received data while a new byte is
shifted in. The next byte to be transmitted can be loaded while
the current byte is shifted out.
The SPI port can be configured for master or slave operation.
The physical interface to the SPI is via MISO (P0.5), MOSI (P0.4),
SCLK (P0.6), and SS (P0.7) pins, while the firmware interface is
via the SPI Configuration Register SFR (SPIMOD1, 0xE8), the
SPI Configuration Register SFR (SPIMOD2, 0xE9), the SPI
Interrupt Status Register SFR (SPISTAT, 0xEA), the SPI/I2C
Transmit Buffer SFR (SPI2CTx, 0x9A), and the SPI/I2C Receive
Buffer SFR (SPI2CRx, 0x9B).
Note that the SPI pins are shared with the I2C pins. Therefore, the
user can enable only one interface at a time. The SCPS bit in the
Configuration SFR (CFG, 0xAF) selects which peripheral is
active.
SPI SFR REGISTER LIST
Table 133. SPI SFR Register List
SFR Address
Name
R/W
Length
Default
Description
0x9A
SPI2CTx
W
8
SPI/I2C Data Out Register (see Table 134).
0x9B
SPI2CRx
R
8
0
SPI/I2C Data in Register (see Table 135).
0xE8
SPIMOD1
R/W
8
0x10
SPI Configuration Register (see Table 136).
0xE9
SPIMOD2
R/W
8
0
SPI Configuration Register. (see Table 137).
0xEA
SPISTAT
R/W
8
0
SPI/I2C Interrupt Status Register (see Table 138).
Table 134. SPI/I2C Transmit Buffer SFR (SPI2CTx, 0x9A)
Bit No.
Mnemonic
Default
Description
7 to 0
SPI2CTx
0
SPI or I2C Transmit Buffer. When SPI2CTx SFR is written, its content is transferred to the transmit FIFO
input. When a write is requested, the FIFO output is sent on the SPI or I2C bus.
Table 135. SPI/I2C Receive Buffer SFR (SPI2CRx, 0x9B)
Bit No.
Mnemonic
Default
Description
7 to 0
SPI2CRx
0
SPI or I2C Receive Buffer. When SPI2CRx SFR is read, one byte from the receive FIFO output is transferred
to SPI2CRx SFR. A new data byte from the SPI or I2C bus is written to the FIFO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com