Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR8051CPU Datasheet(PDF) 2 Page - Digital Core Design

Part # DR8051CPU
Description  High Performance 8-bit Microcontroller ver 3.10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DR8051CPU Datasheet(HTML) 2 Page - Digital Core Design

  DR8051CPU Datasheet HTML 1Page - Digital Core Design DR8051CPU Datasheet HTML 2Page - Digital Core Design DR8051CPU Datasheet HTML 3Page - Digital Core Design DR8051CPU Datasheet HTML 4Page - Digital Core Design DR8051CPU Datasheet HTML 5Page - Digital Core Design DR8051CPU Datasheet HTML 6Page - Digital Core Design DR8051CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
● Scan test ready
● 1.3 GHz virtual clock frequency in a 0.35u
technological process
PERIPHERALS
● DoCD™ debug unit
○ Processor execution control
○ Run
○ Halt
○ Step into instruction
○ Skip instruction
○ Read-write all processor contents
○ Program Counter (PC)
○ Program Memory
○ Internal (direct) Data Memory
○ Special Function Registers (SFRs)
○ External Data Memory
○ Hardware execution breakpoints
○ Program Memory
○ Internal (direct) Data Memory
○ Special Function Registers (SFRs)
○ External Data Memory
○ Hardware breakpoints activated at a certain
○ Program address (PC)
○ Address by any write into memory
○ Address by any read from memory
○ Address by write into memory a required data
○ Address by read from memory a required data
○ Three wire communication interface
● Power Management Unit
○ Power management mode
○ Switchback feature
○ Stop mode
● Interrupt Controller
○ 2 priority levels
○ 2 external interrupt sources
CONFIGURATION
The following parameters of the DR8051CPU
core can be easy adjusted to requirements of
dedicated application and technology. Configu-
ration of the core can be prepared by effortless
changing appropriate constants in package file.
There is no need to change any parts of the
code.
- Harward
• Memory style
- von Neumann
- synchronous
• Program Memory type
- asynchronous
- used (0-7)
•
Program Memory wait-
states
- unused
- used
• Program Memory writes
- unused
- synchronous
• Internal Data Memory type
- asynchronous
- used (0-7)
•
External Data Memory
wait-states
- unused
• Interrupts
-
subroutines
location
- used
• Power Management Mode
- unused
- used
• Stop mode
- unused
- used
• DoCD debug unit
- unused
DELIVERABLES
♦
Source code:
◊
VHDL Source Code or/and
◊
VERILOG Source Code or/and
◊
Encrypted, or plain text EDIF netlist
♦
VHDL & VERILOG test bench environment
◊
Active-HDL automatic simulation macros
◊
ModelSim automatic simulation macros
◊
Tests with reference responses
♦
Technical documentation
◊
Installation notes
◊
HDL core specification
◊
Datasheet
♦
Synthesis scripts
♦
Example application
♦
Technical support
◊
IP Core implementation support
◊
3 months maintenance
●
Delivery the IP Core updates, minor and
major versions changes
●
Delivery the documentation updates



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com